Electronic Components Datasheet Search
  English  ▼

X  

ACTF2091 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF2091
Description  SAW Filter for Base Station Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF2091 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF2091 Datasheet HTML 1Page - Advanced Crystal Technology ACTF2091 Datasheet HTML 2Page - Advanced Crystal Technology ACTF2091 Datasheet HTML 3Page - Advanced Crystal Technology ACTF2091 Datasheet HTML 4Page - Advanced Crystal Technology ACTF2091 Datasheet HTML 5Page - Advanced Crystal Technology ACTF2091 Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Iss1 C1u,
Date 13-7-2011
SAW Filter for Base Station Applications
PART NO.: ACTF2091-140-SMP53
Features
Low loss filter for Base station applications
Usable bandwidth: 20 MHz
High attenuation
Single-ended operation
S
urface Mounted Technology (SMT)
Lead-free production and RoHS compliance
Package Dimensions
SMD Package: SMP 53
Pin Configuration
Pin
Configuration
5
Output
6
Output-Ground
11
Input
12
Input -Ground
Others
Be grounded
Unit: mm
Marking
Top view
Laser marking
ACTF*
"ACT”: Manufacturer’s mark
“F”: SAW filter
“2091”: Part number
▪ : Terminal 1
2091
The character “*” indicates the month code in a year
1
2
3
4
5
6
7
8
9
10
11
12
2009
A
B
C
D
E
F
G
H
J
K
L
M
2010
N
P
Q
R
S
T
U
V
W
X
Y
Z
2011
a
b
c
d
e
f
g
h
j
k
l
m
2012
n
p
q
r
s
t
u
v
w
x
y
z
Page 1 of 6


Similar Part No. - ACTF2091

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF2001 ACT-ACTF2001 Datasheet
99Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF2001/243.95/DCC6 ACT-ACTF2001/243.95/DCC6 Datasheet
99Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
logo
List of Unclassifed Man...
ACTF2005 ETC-ACTF2005 Datasheet
144Kb / 5P
SAW filters
logo
Advanced Crystal Techno...
ACTF2005 ACT-ACTF2005 Datasheet
147Kb / 5P
SAW filters
SEPT 04
ACTF2005 ACT-ACTF2005 Datasheet
218Kb / 5P
SAW filter
March 2010
More results

Similar Description - ACTF2091

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
WF972A0125CG NDK-WF972A0125CG Datasheet
93Kb / 1P
SAW Filter for GSM Base Station
logo
EPCOS
B5129 EPCOS-B5129 Datasheet
109Kb / 8P
SAW filter Base-station RF
B5154 EPCOS-B5154 Datasheet
255Kb / 8P
SAW filter for base station TD-LTE
logo
TDK Electronics
B39172B5159U410 TDK-B39172B5159U410 Datasheet
110Kb / 8P
SAW RF filter for base station
B39192B5180U410 TDK-B39192B5180U410 Datasheet
140Kb / 8P
SAW filter for base station
B39192B5305U410 TDK-B39192B5305U410 Datasheet
153Kb / 9P
SAW filter for base station
B39232B5183U410 TDK-B39232B5183U410 Datasheet
157Kb / 8P
SAW Components SAW RF filter for base station
B39262B5154U410 TDK-B39262B5154U410 Datasheet
256Kb / 8P
SAW Components SAW filter for base station
B39262B5193U410 TDK-B39262B5193U410 Datasheet
171Kb / 8P
SAW Components SAW RF filter for base station
B39861B4240H410 TDK-B39861B4240H410 Datasheet
198Kb / 10P
SAW Components SAW RF Filter for base station
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com