Electronic Components Datasheet Search
  English  ▼

X  

MDL302 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MDL302
Description  Power range up to 2400 W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MDL302 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MDL302 Datasheet HTML 1Page - List of Unclassifed Manufacturers MDL302 Datasheet HTML 2Page - List of Unclassifed Manufacturers MDL302 Datasheet HTML 3Page - List of Unclassifed Manufacturers MDL302 Datasheet HTML 4Page - List of Unclassifed Manufacturers MDL302 Datasheet HTML 5Page - List of Unclassifed Manufacturers MDL302 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
www.bkprecision.com
Modular Programmable DC Electronic Load
MDL Series
Specifications
Model
MDL200
MDL252
MDL302
MDL305
MDL400
MDL505
MDL600
Input ratings
Input Voltage
0-80 V
0-80 V
0-80 V
0-500 V
0-80 V
0-500 V
0-80 V
Input Current
Low
0-4 A
0-3 A
0-4.5 A
0-3 A
0-6 A
0-3 A
0-12 A
High
0-40 A
0-20 A
0-45 A
0-20 A
0-60 A
0-30 A
0-120 A
Input Power
200 W
250 W / 50 W 1
300 W / 300 W
300 W
400 W
500 W
600 W
Channels
1
2
2
1
1
1
1
Minimum
Operating
Voltage
Low
0.10 V at 4 A
0.15 V at 3 A
0.14 V at 4.5 A
0.7 V at 3 A
0.15 V at 6 A
0.54 V at 3 A
0.18 V at 12 A
High
1 V at 40 A
1 V at 20 A
1.4 V at 45 A
4.5 V at 20 A
1.5 V at 60 A
5.4 V at 30 A
1.8 V at 120 A
CV mode
Range
Low
0-18 V
High
0-80 V
0-80 V
0-80 V
0-500 V
0-80 V
0-500 V
0-80 V
Resolution
Low
1 mV
High
10 mV
Accuracy
Low
± (0.05 % + 0.02 % F.S.)
± (0.05 % + 0.025 % F.S.)
± (0.05 % + 0.02 % F.S.)
High
± (0.05 % + 0.025 % F.S.)
CC mode
Range
Low
0-4 A
0-3 A
0-4.5 A
0-3 A
0-6 A
0-3 A
0-12 A
High
0-40 A
0-20 A
0-45 A
0-20 A
0-60 A
0-30 A
0-120 A
Resolution
Low
0.1 mA
1 mA
0.1 mA
High
1 mA
10 mA
1 mA
Accuracy
Low
± (0.05 % + 0.05 % F.S.)
± (0.05 % + 0.1 % F.S.)
High
± (0.05 % + 0.05 % F.S.)
± (0.1 % + 0.1 % F.S.)
CR mode
Range
Low
0.05
Ω-10 Ω
0.05
Ω-10 Ω
0.05
Ω-10 Ω
0.25
Ω-10 Ω 0.05 Ω-10 Ω
0.2
Ω-10 Ω
0.2
Ω-10 Ω
High
10
Ω-7.5 kΩ
Resolution
16-bit
Accuracy
Low
0.01 % + 0.08
S
High
0.01 % + 0.0008
S
CW mode
Range
200 W
250 W
300 W
300 W
400 W
500 W
600 W
Resolution
10 mW
Accuracy
± (0.2 % + 0.2 % F.S.)
Transient mode (CC mode)
T1&T2 2
20 us-3600 s / Res: 5 µs-10 ms
Accuracy
5 µs+100 ppm
Slew Rate 3
Low
0.0001-0.25 A/µs
0.0001-0.2 A/µs
0.0001-0.25 A/µs
0.0001-0.1 A/µs 0.0001-0.25 A/µs 0.0001-0.1 A/µs
0.0001-0.25 A /µs
High
0.001-2.5 A/µs
0.001-2 A/µs
0.001-2.5 A/µs
0.001-1 A/µs
0.001-2.5 A/µs
0.001-1 A/µs
0.001-2.5 A/µs
1 ) MDL252: The user can allocate up to 250 W to either channel up to 300 W total (e.g. 50 W/250 W, 250 W/50 W, 150 W/150 W).
2 ) Fast pulse trains with large transitions may not be achievable.
3 ) The slew rate specifications are not warranted, but are descriptions of typical performance. The actual transition time is defined as the time for the input to change from 10% to 90%, or vice versa, of the
programmed current values. In case of very large load changes, e.g. from no load to full load, the actual transition time will be larger than the expected time. The load will automatically adjust the slew rate to fit
within the range (high or low) that is closest to the programmed value.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com