Electronic Components Datasheet Search
  English  ▼

X  

MDL302 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MDL302
Description  Power range up to 2400 W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MDL302 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  MDL302 Datasheet HTML 1Page - List of Unclassifed Manufacturers MDL302 Datasheet HTML 2Page - List of Unclassifed Manufacturers MDL302 Datasheet HTML 3Page - List of Unclassifed Manufacturers MDL302 Datasheet HTML 4Page - List of Unclassifed Manufacturers MDL302 Datasheet HTML 5Page - List of Unclassifed Manufacturers MDL302 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Number of
Slots
Power Input
Operating
Temperature
Storage
Temperature
Humidity
4
110/220 V ±10%, 50/60 Hz
32 to 104 ºF
(0 to 40 °C)
14 to 140 ºF
(-10 to 60 °C)
Indoor use,
≤95%
Model
Type
Dimensions (W x H x D)
Weight
MDL001
Mainframe
17.5” x 7.2” x 21.6”
(445 x 183 x 549 mm)
34 lbs (15.4 kg)
MDL002
Mainframe
Extension
17.5” x 7.2” x 21.6”
(445 x 183 x 549 mm)
34 lbs (15.4 kg)
MDL200
Module
3.2” x 7.2” x 22.6”
(82 x 183 x 573 mm)
11 lbs (5 kg)
MDL252
Module
3.2” x 7.2” x 22.6”
(82 x 183 x 573 mm)
11 lbs (5 kg)
MDL302
Module
3.2” x 7.2” x 22.6”
(82 x 183 x 573 mm)
11 lbs (5 kg)
MDL305
Module
3.2” x 7.2” x 22.6”
(82 x 183 x 573 mm)
11 lbs (5 kg)
MDL400
Module
3.2” x 7.2” x 22.6”
(82 x 183 x 573 mm)
11 lbs (5 kg)
MDL505
Module
3.2” x 7.2” x 22.6”
(82 x 183 x 573 mm)
11 lbs (5 kg)
MDL600
Module
3.2” x 7.2” x 22.6”
(82 x 183 x 573 mm)
11 lbs (5 kg)
Mainframe Specification
Mechanical Specifications
Standard Accessories
6
www.bkprecision.com
Modular Programmable DC Electronic Load
MDL Series
v041816
Note: Applies to MDL001 mainframe and MDL002 mainframe extension.
Mainframes
Power cord, user manual, mainframe extension cable (MDL002 only)
Modules
Certificate of calibration and test report
Optional Accessories
Rack mount kit RK153 for mainframes MDL001 and MDL002.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com