Electronic Components Datasheet Search
  English  ▼

X  

MAX3293 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3293
Description  PLASTIC ENCAPSULATED DEVICES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3293 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3293 Datasheet HTML 1Page - Maxim Integrated Products MAX3293 Datasheet HTML 2Page - Maxim Integrated Products MAX3293 Datasheet HTML 3Page - Maxim Integrated Products MAX3293 Datasheet HTML 4Page - Maxim Integrated Products MAX3293 Datasheet HTML 5Page - Maxim Integrated Products MAX3293 Datasheet HTML 6Page - Maxim Integrated Products MAX3293 Datasheet HTML 7Page - Maxim Integrated Products MAX3293 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Table 1
Reliability Evaluation Test Results
MAX3295AUT
TEST ITEM
TEST CONDITION
FAILURE
SAMPLE
NUMBER OF
IDENTIFICATION
PACKAGE
SIZE
FAILURES
Static Life Test (Note 1)
Ta = 135
°C
DC Parameters
48
0
Biased
& functionality
Time = 192 hrs.
Moisture Testing (Note 2)
Pressure Pot
Ta = 121
°C
DC Parameters
SOT
77
0
P = 15 psi.
& functionality
RH= 100%
Time = 168hrs.
85/85
Ta = 85
°C
DC Parameters
77
0
RH = 85%
& functionality
Biased
Time = 1000hrs.
Mechanical Stress (Note 2)
Temperature
-65
°C/150°C
DC Parameters
77
0
Cycle
1000 Cycles
& functionality
Method 1010
Note 1: Life Test Data may represent plastic DIP qualification lots.
Note 2: Generic Package/Process data



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com