Electronic Components Datasheet Search
  English  ▼

X  

FPSS050B Datasheet(PDF) 5 Page - All Sensors Corporation

Part # FPSS050B
Description  FPS SERIES PRESSURE SENSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

FPSS050B Datasheet(HTML) 5 Page - All Sensors Corporation

  FPSS050B Datasheet HTML 1Page - All Sensors Corporation FPSS050B Datasheet HTML 2Page - All Sensors Corporation FPSS050B Datasheet HTML 3Page - All Sensors Corporation FPSS050B Datasheet HTML 4Page - All Sensors Corporation FPSS050B Datasheet HTML 5Page - All Sensors Corporation FPSS050B Datasheet HTML 6Page - All Sensors Corporation FPSS050B Datasheet HTML 7Page - All Sensors Corporation FPSS050B Datasheet HTML 8Page - All Sensors Corporation FPSS050B Datasheet HTML 9Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
All Sensors
DS-0329 Rev B
Analog Output (Bidirectional Devices)
Page 5
Performance Characteristics4 for: FPSS025x, FPSS050x 3V Device
(VS = 3.0 V
DC , TA= 20 °C , PAbs = 1 bara, calibrated in air, output signals analog and digital are non-ratiometric to VS)
Analog Output (Unidirectional Devices)
Common Characteristics
Min
Typ
Max
Units
Non-Linearity9
-
-
± (1% of reading + 0.5 % FSS)
-
Total Accuracy3 @ 5 to 55°C
-
-
± (1.5% of reading + 1.5 % FSS)
-
@ 0 to 70°C
-
-
± (3.5% of reading +1.5 %FSS)
-
Noise Level
(RMS)
-
0.03
-
%FSS
Offset Warm-Up Shift
-
-
less than noise
-
Offset Long Term Stability6
-
±0.0002
±0.0004
inH2O/year
Current Consumption (no load)8
-
14
16
mA
Response Time (t
63)
-
5
-
ms
Power-On Time
-
-
25
ms
Characteristics
Min
Typ
Max
Units
Zero Pressure Offset
0.29
0.30
0.31
V
Full Scale Span
2.37
2.40
2.43
V
Full Scale Output
-
2.70
-
V
Thermal Effects
Offset @ 5 to 55
°C
-
-
±20
mV
Offset @ 0 to 70
°C
-
-
±40
mV
Thermal Effects
Span @ 5 to 55
°C
-
±1.25
±2
%FSS
Span @ 0 to 70
°C
-
±1.75
±2.75
%FSS
Characteristics
Min
Typ
Max
Units
Zero Pressure Offset
1.49
1.50
1.51
V
Full Scale Span
2.37
2.40
2.43
V
Output @ Max. Specified Pressure
-
2.70
-
V
Output @ Min. Specified Pressure
-
0.30
-
V
Thermal Effects
Offset @ 5 to 55
°C
-
-
±15
mV
Offset @ 0 to 70
°C
-
-
±30
mV
Thermal Effects
Span @ 5 to 55
°C
-
±1.25
±2
%FSS
Span @ 0 to 70
°C
-
±1.75
±2.75
%FSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com