Electronic Components Datasheet Search
  English  ▼

X  

FPSS050B Datasheet(PDF) 9 Page - All Sensors Corporation

Part # FPSS050B
Description  FPS SERIES PRESSURE SENSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

FPSS050B Datasheet(HTML) 9 Page - All Sensors Corporation

Back Button FPSS050B Datasheet HTML 3Page - All Sensors Corporation FPSS050B Datasheet HTML 4Page - All Sensors Corporation FPSS050B Datasheet HTML 5Page - All Sensors Corporation FPSS050B Datasheet HTML 6Page - All Sensors Corporation FPSS050B Datasheet HTML 7Page - All Sensors Corporation FPSS050B Datasheet HTML 8Page - All Sensors Corporation FPSS050B Datasheet HTML 9Page - All Sensors Corporation FPSS050B Datasheet HTML 10Page - All Sensors Corporation FPSS050B Datasheet HTML 11Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
All Sensors
DS-0329 Rev B
Serial Interface Specification
Parameter
Symbol Conditions Min.
Typ.
Max.
Units
Internal Oscillator Clock Frequency
f
ICLK
OSC(4:0)=00000
3.3
4.15
5.3
MHZ
External Clock Frequency
f
ECLK
V
CKSEL=0 Min.
-
0.2
-
MHZ
Max.
-
5
-
MHZ
External Master Clock Input Low Time
f
ECLKIN LO
t
ECLK=1/fECLK
40
-
60
%t
ECLK
External Master Clock Input High Time
f
ECLKIN HI
t
ECLK=1/fECLK
40
-
60
%t
ECLK
SCLK Setup to Falling Edge /CS
t
SC
-
30
-
-
ns
/CS Falling Edge to SCLK Rising Edge Setup Time
t
CSS
-
30
-
-
ns
/CS Idle Time
t
CSI
f
CLK= 4 MHZ
1.5
-
-
µs
SCLK Falling Edge to Data Valid Delay
t
DO
C
LOAD=15 pF
-
-
80
ns
Data Valid to SCLK Rising Edge Setup Time
t
DS
-
30
-
-
ns
Data Valid to SCLK Rising Edge Hold Time
t
DH
-
30
-
-
ns
SCLK High Pulse Width
t
CH
-
100
-
-
ns
SCLK Low Pulse Width
t
CI
-
100
-
-
ns
/CS Rising Edge to SCLK Rising Edge Hold Time
t
CSH
-
30
-
-
ns
/CS Falling Edge to Output Enable
t
DV
C
LOAD=15 pF
-
-
25
ns
/CS Rising Edge to Output Disable
t
TR
C
LOAD=15 pF
-
-
25
ns
FPS (5 V Supply)
Maximum Output Load Capacities
C
LOAD
R
LOAD= ∞,
-
200
-
pF
Phase Margin > 55 °
Input Voltage, Logic HIGH
V
IH
-
0.8 x Vs
-
-
V
Input Voltage, Logic LOW
V
IL
-
-
-
0.2 x Vs
V
Output Voltage, Logic HIGH
V
OH
R
LOAD= ∞,
Vs-0.1
-
-
V
R
LOAD= 2 k Ω,
Vs-0.15
-
-
V
Output Voltage, Logic LOW
V
OL
R
LOAD= ∞,
-
-
0.5
V
R
LOAD= 2 k Ω,
-
-
0.2
V
FPS (3 V Supply)11
Maximum Output Load Capacities
C
LOAD
R
LOAD= 1 k Ω,
-
15
-
pF
Input Voltage, Logic HIGH
V
IH
-
0.65 x Vs
-
-
V
Input Voltage, Logic LOW
V
IL
-
-
-
0.35 x Vs
V
Output Voltage, Logic HIGH
V
OH
I
O= -20 µA
Vs-0.4
-
-
V
Output Voltage, Logic LOW
V
OL
I
O=20 µA
-
-
0.4
V
Page 9
Fig. 2 : Timing Diagram
CSS
t
t
DV
SCLK
MOSI
MISO
/CS
t
SC
t
CL
CH
t
t
DH
t
DS
DO
t
t
TR
t
CSH
t
CSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com