Electronic Components Datasheet Search
  English  ▼

X  

PC33253DW Datasheet(PDF) 13 Page - Motorola, Inc

Part # PC33253DW
Description  Full Bridge Pre-Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33253DW Datasheet(HTML) 13 Page - Motorola, Inc

Back Button PC33253DW Datasheet HTML 7Page - Motorola, Inc PC33253DW Datasheet HTML 8Page - Motorola, Inc PC33253DW Datasheet HTML 9Page - Motorola, Inc PC33253DW Datasheet HTML 10Page - Motorola, Inc PC33253DW Datasheet HTML 11Page - Motorola, Inc PC33253DW Datasheet HTML 12Page - Motorola, Inc PC33253DW Datasheet HTML 13Page - Motorola, Inc PC33253DW Datasheet HTML 14Page - Motorola, Inc PC33253DW Datasheet HTML 15Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MC33253
MOTOROLA
rev3.0 - 13/15
MC33253
Figure 13. DC Motor Control with Microcontroller
This application use the internal charge pump to provide the high side floating voltage. This voltage can be provided by an
external source also.
PWM4
PWM3
PWM2
PWM1
mC
CAN
CURRENT FDB
ISOUT
LS_2
IN_LS2
HS_2
IN_HS2
LS_1
IN_LS1
HS_1
IN_HS1
VCC/VCC2
/G_EN
/CCS
C1
C2
CCp
FULL
BRIDGE
DRIVER
LR_OUT
CP_OUT
GATE_HS1
SRC_HS1
GATE_LS1
GATE_HS2
SRC_HS2
GATE_LS2
IS-IN
IS+IN
GND
R1
R2
R4
M
M2
G
SL
M4
G
SL
M1
M3
CLRout
VBAT
VLOGIC
CPout
Rsense
50ohms
50ohms
33nF
470nF
470nF
50ohms
50ohms
R3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com