Electronic Components Datasheet Search
  English  ▼

X  

PC33253DW Datasheet(PDF) 2 Page - Motorola, Inc

Part # PC33253DW
Description  Full Bridge Pre-Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33253DW Datasheet(HTML) 2 Page - Motorola, Inc

  PC33253DW Datasheet HTML 1Page - Motorola, Inc PC33253DW Datasheet HTML 2Page - Motorola, Inc PC33253DW Datasheet HTML 3Page - Motorola, Inc PC33253DW Datasheet HTML 4Page - Motorola, Inc PC33253DW Datasheet HTML 5Page - Motorola, Inc PC33253DW Datasheet HTML 6Page - Motorola, Inc PC33253DW Datasheet HTML 7Page - Motorola, Inc PC33253DW Datasheet HTML 8Page - Motorola, Inc PC33253DW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MC33253
MOTOROLA
rev3.0 - 2/15
MC33253
Figure 1. Principal Building Blocks
UV/OV
Detect
G_EN
/CCS
IN_HS1
/IN_HS1
IN_LS1
/IN_LS1
IN_HS2
/IN_HS2
IN_LS2
/IN_LS2
BRG_EN
CCS
GATE_LS1
SRC_HS1
GATE_HS1
CP_OUT
LR_OUT
GATE_LS2
SRC_HS2
GATE_HS2
5.5 V...
55 V
5.5 V...
28 V
Pulse
Generator
VDD/VCC
Level Shift
Output
Driver
Pulse
Generator
VDD/VPOS
Level Shift
Output
Driver
G_LOW_LS
G_LOW_H
IN
IN
OUT
OUT
Input
&
CCS
LOGIC
VCC
Linear
Reg
VCC2
EN
GND
+13.5 V
+5.0 V
+13.5 V
VDD
HIGH AND LOW SIDE CHANNEL
WITH CROSS CONDUCTION SUPPRESSION
HIGH AND LOW SIDE
Charge
Pump
RDY
EN
GND
C2
Vpos
+13.5 V
VCC
C1
VCC2
VCC
VCC
VCC2
VCC
VCC2
Vgs_hs
Vgs_ls
Vgs_ls
VCC
VDD
C2
C1
VDD
VDD
CCS
BRG_EN
Pulse
Generator
VDD/VCC
Level Shift
Output
Driver
Pulse
Generator
VDD/VPOS
Level Shift
Output
Driver
G_LOW_LS
G_LOW_H
IN
IN
OUT
OUT
Input
&
CCS
VCC
HIGH AND LOW SIDE CHANNEL WITH
CROSS CONDUCTION SUPPRESSION
Vgs_ls
VDD
VDD
CCS
BRG_EN
SENSE CURRENT AMPLIFIER
-
+
GND
ISOUT
IS+IN
IS-IN
CONTROL WITH CHARGE PUMP
CAO
CA-
CCP_OUT
CLR_OUT
CA+
Ccp
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com