Electronic Components Datasheet Search
  English  ▼

X  

AD9163 Datasheet(PDF) 89 Page - Analog Devices

Part # AD9163
Description  DAC update rate up to 12 GSPS
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163 Datasheet(HTML) 89 Page - Analog Devices

Back Button AD9163 Datasheet HTML 85Page - Analog Devices AD9163 Datasheet HTML 86Page - Analog Devices AD9163 Datasheet HTML 87Page - Analog Devices AD9163 Datasheet HTML 88Page - Analog Devices AD9163 Datasheet HTML 89Page - Analog Devices AD9163 Datasheet HTML 90Page - Analog Devices AD9163 Datasheet HTML 91Page - Analog Devices AD9163 Datasheet HTML 92Page - Analog Devices AD9163 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 124 page
background image
AD9163
Data Sheet
Rev. 0 | Page 88 of 123
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset Access
0x2AE TERM_BLK2_CTRLREG0
[7:1] RESERVED
Reserved.
0x0
R
0
SPI_I_TUNE_R_CAL_TERMBLK2
Rising edge of this bit starts a
termination calibration routine.
0x0
R/W
0x2AF TERM_BLK2_CTRLREG1
[7:0] SPI_I_SERIALIZER_RTRIM_TERMBLK2
SPI override for termination
value for PHY 2, PHY 3, PHY 4,
and PHY 5. Value options are as
follows:
0x0
R/W
XXX0XXXX Automatically calibrate
termination value.
XXX1000X Force 000 as termination value.
XXX1001X Force 001 as termination value.
XXX1010X Force 010 as termination value.
XXX1011X Force 011 as termination value.
XXX1100X Force 100 as termination value.
XXX1101X Force 101 as termination value.
XXX1110X Force 110 as termination value.
XXX1111X Force 111 as termination value.
XXX1000X Force 000 as termination value.
0x2B3 TERM_BLK2_RD_REG0
[7:4] RESERVED
Reserved.
0x0
R
[3:0] SPI_O_RCAL_CODE_TERMBLK2
Readback of calibration code for
PHY 2, PHY 3, PHY 4, and PHY 5.
0x0
R
0x2BB TERM_OFFSET_0
[7:4] RESERVED
Reserved.
0x0
R
[3:0] TERM_OFFSET_0
Add or subtract from the
termination calibration value of
Physical Lane 0. 4-bit signed
magnitude value that adds to or
subtracts from the termination
value. Bit 3 is the sign bit, and
Bits[2:0] are the magnitude bits.
0x0
R/W
0x2BC TERM_OFFSET_1
[7:4] RESERVED
Reserved.
0x0
R
[3:0] TERM_OFFSET_1
Add or subtract from the
termination calibration value of
Physical Lane 1. 4-bit signed
magnitude value that adds to or
subtracts from the termination
value. Bit 3 is the sign bit, and
Bits[2:0] are the magnitude bits.
0x0
R/W
0x2BD TERM_OFFSET_2
[7:4] RESERVED
Reserved.
0x0
R
[3:0] TERM_OFFSET_2
Add or subtract from the
termination calibration value of
Physical Lane 2. 4-bit signed
magnitude value that adds to or
subtracts from the termination
value. Bit 3 is the sign bit, and
Bits[2:0] are the magnitude bits.
0x0
R/W
0x2BE TERM_OFFSET_3
[7:4] RESERVED
Reserved.
0x0
R
[3:0] TERM_OFFSET_3
Add or subtract from the
termination calibration value of
Physical Lane 3. 4-bit signed
magnitude value that adds to or
subtracts from the termination
value. Bit 3 is the sign bit, and
Bits[2:0] are the magnitude bits.
0x0
R/W
0x2BF TERM_OFFSET_4
[7:4] RESERVED
Reserved.
0x0
R
[3:0] TERM_OFFSET_4
Add or subtract from the
termination calibration value of
Physical Lane 4. 4-bit signed
magnitude value that adds to or
subtracts from the termination
value. Bit 3 is the sign bit, and
Bits[2:0] are the magnitude bits.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com