Electronic Components Datasheet Search
  English  ▼

X  

AD9163 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9163
Description  DAC update rate up to 12 GSPS
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9163 Datasheet HTML 17Page - Analog Devices AD9163 Datasheet HTML 18Page - Analog Devices AD9163 Datasheet HTML 19Page - Analog Devices AD9163 Datasheet HTML 20Page - Analog Devices AD9163 Datasheet HTML 21Page - Analog Devices AD9163 Datasheet HTML 22Page - Analog Devices AD9163 Datasheet HTML 23Page - Analog Devices AD9163 Datasheet HTML 24Page - Analog Devices AD9163 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 124 page
background image
AD9163
Data Sheet
Rev. 0 | Page 20 of 123
IOUTFS = 40 mA, fDAC = 5.0 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
Figure 53. Single-Carrier W-CDMA at 1887.5 MHz
3000
2600
2800
3200
3400
3800
3600
fOUT (MHz)
–65
–70
–80
–60
–75
–90
–85
FIRST ACLR
SECOND ACLR
Figure 54. Single-Carrier, W-CDMA ACLR vs. fOUT (First ACLR, Second ACLR)
3000
2600
2800
3200
3400
3800
3600
fOUT (MHz)
–65
–70
–80
–60
–75
–90
–85
THIRD ACLR
FOURTH ACLR
FIFTH ACL
Figure 55. Single-Carrier, W-CDMA ACLR vs. fOUT (Third ACLR, Fourth ACLR,
Fifth ACLR)
Figure 56. Four-Carrier W-CDMA at 1980 MHz
3200
fOUT (MHz)
2600
3000
2800
3400
3600
3800
–65
–70
–80
–85
–60
–75
–90
FIRST ACLR
SECOND ACLR
Figure 57. Four-Carrier, W-CDMA ACLR vs. fOUT (First ACLR, Second ACLR)
3200
fOUT (MHz)
2600
3000
2800
3400
3600
3800
–65
–70
–80
–85
–60
–75
–90
THIRD ACLR
FOURTH ACLR
FIFTH ACL
Figure 58. Four-Carrier, W-CDMA ACLR vs. fOUT (Third ACLR, Fourth ACLR,
Fifth ACLR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com