Electronic Components Datasheet Search
  English  ▼

X  

AD9164 Datasheet(PDF) 66 Page - Analog Devices

Part # AD9164
Description  DAC update rate up to 12 GSPS
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9164 Datasheet(HTML) 66 Page - Analog Devices

Back Button AD9164 Datasheet HTML 62Page - Analog Devices AD9164 Datasheet HTML 63Page - Analog Devices AD9164 Datasheet HTML 64Page - Analog Devices AD9164 Datasheet HTML 65Page - Analog Devices AD9164 Datasheet HTML 66Page - Analog Devices AD9164 Datasheet HTML 67Page - Analog Devices AD9164 Datasheet HTML 68Page - Analog Devices AD9164 Datasheet HTML 69Page - Analog Devices AD9164 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 137 page
background image
Data Sheet
AD9164
Rev. A | Page 65 of 136
ANALOG INTERFACE CONSIDERATIONS
ANALOG MODES OF OPERATION
The AD9164 uses the quad-switch architecture shown in Figure 128.
Only one pair of switches is enabled during a half-clock cycle, thus
requiring each pair to be clocked on alternative clock edges. A
key benefit of the quad-switch architecture is that it masks the code
dependent glitches that occur in the conventional two-switch
DAC architecture.
VG1
VSSA
IOUTP
IOUTN
VG1VG2VG3VG4
CLK±
CLK
LATCHES
DATA INPUT
VG2
VG3
VG4
Figure 128. Quad-Switch Architecture
In dual-switch architecture, when a switch transition occurs and
D1 and D2 are in different states, a glitch occurs. However, if D1
and D2 happen to be at the same state, the switch transitions and
no glitches occur. This code dependent glitching causes an
increased amount of distortion in the DAC. In quad-switch
architecture (no matter what the codes are), there are always
two switches that are transitioning at each half-clock cycle, thus
eliminating the code dependent glitches but, in the process,
creating a constant glitch at 2 × fDAC. For this reason, a significant
clock spur at 2 × fDAC is evident in the DAC output spectrum.
INPUT
DATA
DACCLK_x
TWO-SWITCH
DAC OUTPUT
FOUR-SWITCH
DAC OUTPUT
(NORMAL MODE)
t
D1
D2
D3
D4
D5
D6
D7
D8
D9 D10
D6
D7
D8
D9 D10
D1
D2
D3
D4
D5
D6
D7
D8
D9 D10
D1
D2
D3
D4
D5
t
Figure 129. Two-Switch and Quad-Switch DAC Waveforms
As a consequence of the quad-switch architecture enabling
updates on each half-clock cycle, it is possible to operate that
DAC core at 2× the DAC clock rate if new data samples are latched
into the DAC core on both the rising and falling edge of the
DAC clock. This notion serves as the basis when operating the
AD9164 in either Mix-Mode or return to zero (RZ) mode. In
each case, the DAC core is presented with new data samples on
each clock edge: in RZ mode, the rising edge clocks data and
the falling edge clocks zero, while in Mix-Mode; the falling edge
sample is simply the complement of the rising edge sample
value.
When Mix-Mode is used, the output is effectively chopped at
the DAC sample rate. This chopping has the effect of reducing
the power of the fundamental signal while increasing the power
of the images centered around the DAC sample rate, thus
improving the dynamic range of these images.
INPUT
DATA
DACCLK_x
FOUR-SWITCH
DAC OUTPUT
(
fS MIX-MODE)
–D6
–D7
–D8
–D9
–D10
D6
D7
D8
D9
D10
–D1
–D2
–D3
–D4
–D5
D1
D2
D3
D4
D5
D6
D7
D8
D9 D10
D1
D2
D3
D4
D5
t
Figure 130. Mix-Mode Waveform
This ability to change modes provides the user the flexibility to
place a carrier anywhere in the first three Nyquist zones, depending
on the operating mode selected. Switching between baseband
and Mix-Mode reshapes the sinc roll-off inherent at the DAC
output. In baseband mode, the sinc null appears at fDACCLK because
the same sample latched on the rising clock edge is also latched
again on the falling clock edge, thus resulting in the same ubiqui-
tous sinc response of a traditional DAC. In Mix-Mode, the
complement sample of the rising edge is latched on the falling
edge, therefore pushing the sinc null to 2 × fDACCLK. Figure 131
shows the ideal frequency response of the three modes with the
sinc roll-off included.
FREQUENCY (Hz)
0FS
1.50FS
1.25FS
1.00FS
0.75FS
0.50FS
0.25FS
–35
–30
–25
–20
–15
–10
–5
0
FIRST
NYQUIST ZONE
SECOND
NYQUIST ZONE
THIRD
NYQUIST ZONE
MIX-MODE
RZ MODE
NORMAL
MODE
Figure 131. Sinc Roll-Off for NRZ, RZ, and Mix-Mode Operation
The quad-switch can be configured via SPI (Register 0x152,
Bits[1:0]) to operate in either NRZ mode (0b00), RZ mode
(0b10), or Mix-Mode (0b01). The AD9164 has an additional
frequency response characteristic due to the FIR85 filter. This
filter samples data on both the rising and falling edges of the
DAC clock, in essence doubling the input clock frequency. As a
result, the NRZ (normal) mode roll-off in Figure 131 is extended to
2 × fDAC in Figure 131, and follows the Mix-Mode roll-off due to
the zero-order hold at 2 × DAC clock (see Figure 132).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com