Electronic Components Datasheet Search
  English  ▼

X  

AD9164 Datasheet(PDF) 89 Page - Analog Devices

Part # AD9164
Description  DAC update rate up to 12 GSPS
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9164 Datasheet(HTML) 89 Page - Analog Devices

Back Button AD9164 Datasheet HTML 85Page - Analog Devices AD9164 Datasheet HTML 86Page - Analog Devices AD9164 Datasheet HTML 87Page - Analog Devices AD9164 Datasheet HTML 88Page - Analog Devices AD9164 Datasheet HTML 89Page - Analog Devices AD9164 Datasheet HTML 90Page - Analog Devices AD9164 Datasheet HTML 91Page - Analog Devices AD9164 Datasheet HTML 92Page - Analog Devices AD9164 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 137 page
background image
AD9164
Data Sheet
Rev. A | Page 88 of 136
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset Access
0x093 DLL_GB
[7:4] RESERVED
Reserved.
0x0
R
[3:0] DLL_GUARD
Search guard band.
0x0
R/W
0x094 DLL_COARSE
[7:6] RESERVED
Reserved.
0x0
R
[5:0] DLL_COARSE
Coarse delay line setpoint.
0x0
R/W
0x095 DLL_FINE
[7:0] DLL_FINE
Fine delay line setpoint.
0x80 R/W
0x096 DLL_PHASE
[7:5] RESERVED
Reserved.
0x0
R
[4:0] DLL_PHS
Desired phase.
0x8
R/W
0 Minimum allowed phase.
16 Maximum allowed phase.
0x097 DLL_BW
[7:5] RESERVED
Reserved.
0x0
R
[4:2] DLL_FILT_BW
Phase measurement filter
bandwidth.
0x0
R/W
[1:0] DLL_WEIGHT
Tracking speed.
0x0
R/W
0x098 DLL_READ
[7:1] RESERVED
Reserved.
0x0
R
0
DLL_READ
Read request: 0 to 1 transition
updates the coarse, fine, and
phase readback values.
0x0
R/W
0x099 DLL_COARSE_RB
[7:6] RESERVED
Reserved.
0x0
R
[5:0] DLL_COARSE_RB
Coarse delay line readback.
0x0
R
0x09A DLL_FINE_RB
[7:0] DLL_FINE_RB
Fine delay line readback.
0x0
R
0x09B DLL_PHASE_RB
[7:5] RESERVED
Reserved.
0x0
R
[4:0] DLL_PHS_RB
Phase readback.
0x0
R
0x09D DIG_CLK_INVERT
[7:3] RESERVED
Reserved.
0x0
R
2
INV_DIG_CLK
Invert digital clock from DLL.
0x0
R/W
0 Normal polarity.
1 Inverted polarity.
1
DIG_CLK_DC_EN
Digital clock duty cycle
correction enable.
0x1
R/W
0
DIG_CLK_XC_EN
Digital clock cross control
enable.
0x1
R/W
0x0A0 DLL_CLK_DEBUG
7
DLL_TEST_EN
DLL clock output test enable.
0x0
R/W
[6:2] RESERVED
Reserved.
0x0
R
[1:0] DLL_TEST_DIV
DLL clock output divide.
0x0
R/W
0x110 INTERP_MODE
[7:4] JESD_LANES
Number of JESD204B lanes. For
proper operation of the
JESD204B data link, this signal
must only be programmed while
the QBD is held in soft reset
(Register 0x475, Bit 3), and must
not be changed during normal
operation.
0x8
R/W
[3:0] INTERP_MODE
Interpolation mode. For proper
operation of the JESD204B data
link, this signal must only be
programmed while the QBD is
held in soft reset (Register 0x475,
Bit 3), and must not be changed
during normal operation.
0x1
R/W
0000 1× (bypass).
0001 2×.
0010 3×.
0011 4×.
0100 6×.
0101 8×.
0110 12×.
0111 16×.
1000 24×.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com