Electronic Components Datasheet Search
  English  ▼

X  

ADuCM331WDCPZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADuCM331WDCPZ
Description  Dual channel, simultaneous sampling
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM331WDCPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADuCM331WDCPZ Datasheet HTML 5Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 6Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 7Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 8Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 9Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 10Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 11Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 12Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADuCM330/ADuCM331
Rev. C | Page 9 of 16
TA = −40°C to +115°C
TA = +115°C to
+125°C1
Parameter
Test Conditions/Comments
Min
Typ
Max
Typ
Unit
IDD ADC1 VADC
550
µA
IDD Internal Reference (1.2 V)
150
µA
IDD HFOSC
Reduction from 1% to 3% mode
50
µA
1
Not guaranteed by production test, but by design and/or characterization data at production release.
2
Valid for PGA current ADC gain settings of 4, 8, 16, 32, and 64.
3
System chopping enabled.
4
These specifications include temperature drift.
5
A user system calibration removes this error at a given temperature (and at a given gain for the current channel).
6
The offset error drift is included in the offset error. This typical specification is an indicator of the offset error due to temperature drift. This typical value is the mean of
the temperature drift characterization data distribution.
7
Includes internal reference temperature drift.
8
The gain drift is included in the total gain error. This typical specification is an indicator of the gain error due to the temperature drift in the ADC. This typical value is
the mean of the temperature drift characterization data distribution.
9
Voltage channel specifications include resistive attenuator input stage, unless otherwise stated.
10
RMS noise is referred to voltage attenuator input; for example, at fADC = 1 kHz, the typical rms noise at the ADC input is 7.5 µV, scaling by the attenuator (24) yields
these input referred noise figures.
11
Valid after an initial self calibration.
12
It is possible to extend the ADC input range by up to 10% by modifying the factory set value of the gain calibration register or using system calibration. This approach
can also be used to reduce the ADC input range (LSB size).
13
Valid for a differential input less than 10 mV.
14
The absolute value of the voltage of VTEMP and GND_SW must be 100 mV (minimum) for accurate operation of the temperature analog-to-digital converter (T-ADC).
15
Measured using box method.
16
The long-term stability specification is accelerated and noncumulative. The drift in subsequent 1000 hour periods is significantly lower than in the first 1000 hour period.
17
Valid after an initial self gain calibration.
18
Die temperature.
19
Endurance is qualified to 10,000 cycles, as per JEDEC Standard 22 Method A117 and measured at −40°C, +25 °C, and +115°C. Typical endurance at +25°C is 100k cycles.
20
Data retention lifetime equivalent at junction temperature (TJ) = 85°C, as per JEDEC Standard 22 Method A117. Data retention lifetime derates with junction temperature.
21
Measured with LIN communication active.
22
These specifications are not production tested but are supported by LIN compliance testing.
23
Thermal impedance can be used to calculate the thermal gradient from ambient to die temperature.
24
Typical additional supply current consumed during Flash/EE memory program and erase cycles is 3 mA and 1 mA, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com