Electronic Components Datasheet Search
  English  ▼

X  

HMC369LP3 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC369LP3
Description  Test Instrumentation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC369LP3 Datasheet(HTML) 4 Page - Analog Devices

  HMC369LP3 Datasheet HTML 1Page - Analog Devices HMC369LP3 Datasheet HTML 2Page - Analog Devices HMC369LP3 Datasheet HTML 3Page - Analog Devices HMC369LP3 Datasheet HTML 4Page - Analog Devices HMC369LP3 Datasheet HTML 5Page - Analog Devices HMC369LP3 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
4
4 - 43
Absolute Maximum Ratings
Outline Drawing
Typical Supply Current vs. Vcc
Vcc (V)
Icc (mA)
4.5
45
5.0
46
5.5
47
RF Input (Vcc = +5V)
+20 dBm
Vcc
+5.5V
Channel Temperature
135 °C
Continuous Pdiss (T=85 °C)
(derate 6.8 mW/°C above 85 °C)
440 mW
Thermal Resistance (R
th
)
(junction to ground paddle)
147.8 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Note: Multiplier will operate over full voltage range shown
above.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE
SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED
LAND PATTERN.
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC369LP3
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
369
XXXX
HMC369LP3E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
369
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
SMT GaAs HBT MMIC x2 ACTIVE
FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
v04.0210
HMC369LP3 / 369LP3E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com