Electronic Components Datasheet Search
  English  ▼

X  

HMC369LP3 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC369LP3
Description  Test Instrumentation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC369LP3 Datasheet(HTML) 1 Page - Analog Devices

  HMC369LP3 Datasheet HTML 1Page - Analog Devices HMC369LP3 Datasheet HTML 2Page - Analog Devices HMC369LP3 Datasheet HTML 3Page - Analog Devices HMC369LP3 Datasheet HTML 4Page - Analog Devices HMC369LP3 Datasheet HTML 5Page - Analog Devices HMC369LP3 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
4
4 - 40
HMC369LP3 / 369LP3E
SMT GaAs HBT MMIC x2 ACTIVE
FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
v04.0210
General Description
Features
Functional Diagram
Output Power: +4 dBm
Sub-Harmonic Suppression: 30 dBc
SSB Phase Noise: -142 dBc/Hz
Single Supply: 5V@ 46 mA
16 Lead 3x3mm SMT Package: 9mm2
Electrical Specifications, T
A = +25° C, Vcc= 5V
Typical Applications
Active Multiplier for X Band Applications:
• OC-192 Clock Recovery
• Microwave Radio & VSAT
• Military Radios, Radar & ECM
• Test Instrumentation
The HMC369LP3 & HMC369LP3E are active miniature
x2 frequency multipliers utilizing InGaP GaAs HBT
technology in 3x3 mm leadless QFN surface mount
packages. Power output is +4 dBm typical from a
single +5V supply and varies little vs. input power,
temperature and supply voltage. Suppression of
undesired fundamental and sub-harmonics is 30
dBc typical with respect to output signal level. The
low additive SSB phase noise of -142 dBc/Hz at
100 kHz offset helps the user maintain good system
noise performance. The HMC369LP3(E) is ideal for
use in LO multiplier chains allowing reduced parts
count versus traditional approaches. The HMC-
369LP3(E) are also useful for OC-192 clock recovery.
The application of 10 GBPS data to the input gen-
erates a -7 dBm clock tone at the output with spurious
signals suppressed by 25 dB.
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, Input
4.95 - 5.3
5.3 - 6.35
GHz
Frequency Range, Output
9.9 - 10.6
10.6 - 12.7
GHz
Input Power Range
-5
+5
-5
+5
dBm
Output Power
-1
3
0
4
dBm
Sub-Harmonic Suppression
30
30
dBc
Input Return Loss
17
16
dB
Output Return Loss
5.5
6
dB
SSB Phase Noise (100 kHz Offset)
Pin= 0 dBm
-142
-142
dBc/Hz
Supply Current (Icc)
46
61
46
61
mA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC369LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC369LP3 HITTITE-HMC369LP3 Datasheet
258Kb / 6P
SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
HMC369LP3 HITTITE-HMC369LP3 Datasheet
235Kb / 6P
SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
HMC369LP3 HITTITE-HMC369LP3 Datasheet
223Kb / 6P
SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
HMC369LP3E HITTITE-HMC369LP3E Datasheet
235Kb / 6P
SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
HMC369LP3 HITTITE-HMC369LP3_07 Datasheet
223Kb / 6P
SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
More results

Similar Description - HMC369LP3

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
Test Instrumentation
logo
Analog Devices
HMC448LC3B AD-HMC448LC3B Datasheet
340Kb / 6P
Test Instrumentation
HMC561 AD-HMC561 Datasheet
391Kb / 6P
Test Instrumentation
HMC575LP4 AD-HMC575LP4 Datasheet
314Kb / 6P
Test Instrumentation
HMC579 AD-HMC579 Datasheet
298Kb / 6P
Test Instrumentation
HMC1110 AD-HMC1110 Datasheet
429Kb / 8P
Test Instrumentation
HMC464 AD-HMC464 Datasheet
344Kb / 6P
Test Instrumentation
HMC606LC5 AD-HMC606LC5 Datasheet
407Kb / 6P
Test Instrumentation
HMC659 AD-HMC659 Datasheet
682Kb / 8P
Test Instrumentation
HMC1096LP3E AD-HMC1096LP3E Datasheet
532Kb / 8P
Test Instrumentation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com