Electronic Components Datasheet Search
  English  ▼

X  

ESX50D Datasheet(PDF) 4 Page - ETAL Group

Part # ESX50D
Description  Current rating (1A - 10A, in whole numbers)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESX50D Datasheet(HTML) 4 Page - ETAL Group

  ESX50D Datasheet HTML 1Page - ETAL Group ESX50D Datasheet HTML 2Page - ETAL Group ESX50D Datasheet HTML 3Page - ETAL Group ESX50D Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Electronic Circuit Protector ESX50D-S (
ControlPlex®)
www.e-t-a.de
4
1646
7
Dimensions ESX50D-S...
60
6x6,8 = 40,8
polarizing tooth
blade terminals
EN 60934-6,3-0,8
mounting area
operating area
Electronic Overcurrent Protector
ESX50D-S1xx-DC24V-1A-10A
6,8
Made in Germany
XXXX
Wiring diagrams
^
All dimensions without tolerances are for reference only. E-T-A reserves the right change
specifications at any time in the interest of improved design, performance and cost effective-
ness, the right to make changes in these specifications without notice is reserved. Product
markings may not be exactly as the ordering codes. Errors and omissions excepted.
ESX50D-S100 / -S110
with communication and address contact
IK
10000
1000
1
2
4
... times rated current
100
10
1
0,1
0,01
3
5
0
5
overload
disconnection
1,2 x I
N (factory settings)
Short circuit current limitation
typ. 2,5 x I
N with IN 1 A
typ. 1,4 x I
N with IN 2 A to 10 A
Technical data (Tamb = 25 °C, UB = DC – 24 V)
l
Without the current limitation there would be a much higher
overcurrent in the event of an overload or short circuit.
Schematic diagram ESX50D-S100 (example)
LINE (+)
DC 24 V
LOAD (+)
0 V
GND (-)
Ad Devices - address
Optional manual rated current
Settings on the device.
COM Bus - interface
operating condition
green/yellow/red
S1
ON/OFF
load output



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com