Electronic Components Datasheet Search
  English  ▼

X  

ESX50D Datasheet(PDF) 1 Page - ETAL Group

Part # ESX50D
Description  Current rating (1A - 10A, in whole numbers)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESX50D Datasheet(HTML) 1 Page - ETAL Group

  ESX50D Datasheet HTML 1Page - ETAL Group ESX50D Datasheet HTML 2Page - ETAL Group ESX50D Datasheet HTML 3Page - ETAL Group ESX50D Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.e-t-a.de
Electronic Circuit Protector ESX50D-S (
ControlPlex®)
1646
1
7
Operating data
Operating voltage UB
DC 24 V (18...32 V)
Current ratings IN
adjustable ratings:
1 A through 10 A in 1 A steps
Standby current I0
in ON condition:
typically 20 mA with the versoins -S100/ -S110
Visual status indication
multicoloured LED:
green
- load circuit connected
flashing (green/yellow):
- load current warning limit reached
yellow:
- overload or short circuit until dis-
connection
red:
- after disconnection due to overload,
short circuit or temperature
- after undervoltage disconnection in
ON condition of operating voltage
with automatic reset
flashing (red/OFF):
- upon changed rating adjustment
(only ESX50D-S110)
OFF:
- devices switched off via
ON/OFF switch
- device switched off via the commu-
nication interface
- no operating voltage with
ON/OFF switch in ON condition
Load circuit
Load output
power MOSFET switching output
(plus switching)
Load current warning limit
0.8 x IN* (adjustable from 0.5 to 1.0 x IN)
hysteresis
5 %
(adjustable from 5 % to 20 %)
Overload disconnection (IOL) 1.2 x IN* (adjustable from 105 %
to 135 % IN)
see time/current characteristic
Short circuit current (IKS)
active current limitation with IKS =
typically 2.5 x IN, 1 A
typically 1.4 x IN, 2 A-10 A
(see time/current characteristic)
Trip times
overload disconnection (IÜL) = 3000ms*
(adjustable from 50ms ... 10,000ms)
short circuit disconnection (IKS) = 100ms*
(adjustable from 50ms ... 1.000ms)
(see time/current characteristic)
Description
Technical data (Tamb = 25 °C, UB = DC – 24 V)
ESX50D-Sxxx
The type ESX50D-Sxx is an electronic circuit protector capable of
communication, which forms the intelligent power distribution system
ControlPlex® type SVS201-CP together with the bus terminal
controller CPC10 and the power distribution board SVS201-PWR
By means of its communication interface, the measuring values
recorded by the ESX50D-Sxx will be forwarded to the CPC10 via
the proprietary device bus ELBus® and then to a superordinate
programmable control unit. This allows flexible adjustment of the current
rating and its parameters to the requirements of the system and its
direct controllability. So the user can import the relevant information
regarding his DC 24 V voltage supply and process it accordingly.
The ESX50D-S is available in two different versions. The first version
has a rotary switch to allow current rating adjustment directly on the
circuit protector in a range from 1 A to 10 A. The second version
offers this adjustment feature via a field bus system or a USB service
interface.
At a width of only 12.5 mm the ESX50D-S provides selective protection
for all DC 24 V load circuits. This is achieved by a combination of
active electronic current limitation in the event of a short circuit and
by a parameterisable overload disconnection.
A typical application is the protection of DC 24 V switched mode
power supplies which are widely used in in factory automation today.
In the event of an overload, however, they turn down the output
voltage which is intended to power all connected loads. So if there is
a failure in a single load of the system, the supply voltage will break
down also in all other load circuits. Not only does this frequently cause
undefined fault conditions, but it can even lead to machine stoppages
or system downtimes. This is exactly where the ESX50D-S comes in
by responding to the overload conditions faster than the switched
mode power supply. The max. possible overcurrent is limited to
typically 1.4 times of the selected current rating (see table 1). This
allows switching on capacitive loads up to min. 20,000 µF, disconnection
is effected in the event of overload or short circuit or at undervoltage
and overheating.
Visual status and failure indication is by a multi-coloured LED on the
protector and is transmitted to the superordinate control unit via the
communication interfaces. The manual ON/OFF swtich on the device
as well as the control units which are programmable from memory
and which are connected to the communication interfaces allow the
start-up of selected load circuits.
As soon as the ESX50D-S detects an overload or short circuit in its
load circuit, it blocks the load output transistor after a parameterisable
period of time and disconnects the current flow in the faulty circuit.
After remedy of the failure, the load output of the ESX50D-S is re-ac-
tivated by an electronic reset signal or manually by actuating the ON/
OFF switch on the device.
* factory settings


Similar Part No. - ESX50D

ManufacturerPart #DatasheetDescription
logo
E-T-A Elektrotechnische...
ESX50D-S100-DC24V-1A E-T-A-ESX50D-S100-DC24V-1A Datasheet
471Kb / 4P
Electronic Circuit Protector ESX50D-S (ControlPlex®)
ESX50D-S110-DC24V-1A E-T-A-ESX50D-S110-DC24V-1A Datasheet
471Kb / 4P
Electronic Circuit Protector ESX50D-S (ControlPlex®)
More results

Similar Description - ESX50D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KA7915TU ETC2-KA7915TU Datasheet
163Kb / 16P
Output Current in Excess of 1A
logo
FCI connector
10114826 FCI-CONNECTOR-10114826 Datasheet
72Kb / 1P
SPECIFICATIONS CURRENT RATING 1A AC DC
logo
E-SWITCH
ST711079 E-SWITCH-ST711079 Datasheet
131Kb / 1P
RATING: 3A @120VAC OR28VDC; 1A @ 250VAC
logo
Assmann Electronics Inc...
AWP-30-7540-T ASSMANN-AWP-30-7540-T Datasheet
168Kb / 1P
Current Rating
AWP-30-8540-T ASSMANN-AWP-30-8540-T Datasheet
133Kb / 1P
Current Rating
AWP-34-7240-T ASSMANN-AWP-34-7240-T Datasheet
168Kb / 1P
Current Rating : 3amp
AWP-34-7241-T ASSMANN-AWP-34-7241-T Datasheet
72Kb / 1P
Current Rating : 1Amp
logo
Wall Industries,Inc.
POL10-05T WALL-POL10-05T_18 Datasheet
321Kb / 5P
10A Output Current Rating DC/DC Open Frame Power Supply Single Output
POL10-12T WALL-POL10-12T_18 Datasheet
337Kb / 5P
10A Output Current Rating DC/DC Open Frame Power Supply Single Output
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
Output current in excess of 1A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com