| Electronic Components Datasheet Search |
|
LM710H Datasheet(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM710H Datasheet(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 10 page ![]() Absolute Maximum Ratings (Note *NO TARGET FOR FNXref NS0053*) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Positive Supply Voltage +14V Negative Supply Voltage −7V Peak Output Current 10 mA Output Short Circuit Duration 10 seconds Differential Input Voltage ±5V Input Voltage ±7V Power Dissipation TO-99 (Note 1) 700 mW Plastic Dual-In-Line Package (Note 2) 950 mW Operating Temperature Range LM710 −55˚C to +125˚C LM710C 0˚C to +70˚C Storage Temperature Range −65˚C to +150˚C Lead Temperature (Soldering, 10 sec.) 260˚C Electrical Characteristics (Note 3) Parameter Conditions LM710 LM710C Units Min Typ Max Min Typ Max Input Offset Voltage R S ≤ 200Ω,VCM = 0V, TA = 25˚C 0.6 2.0 1.6 5.0 mV Input Offset Current V OUT = 1.4V, TA = 25˚C 0.75 3.0 1.8 5.0 µA Input Bias Current T A = 25˚C 13 20 16 25 µA Voltage Gain T A = 25˚C 1250 1700 1000 1500 Output Resistance T A = 25˚C 200 200 Ω Output Sink Current V OUT = 0, TA = 25˚C ∆V IN ≥ 5 mV 2.0 2.5 mA ∆V IN ≥ 10 mV 1.6 2.5 mA Response Time T A = 25˚C (Note 4) 40 40 ns Input Offset Voltage R S ≤ 200Ω,VCM = 0V 3.0 6.5 mV Average Temperature Coefficient T MIN ≤ TA ≤ TMAX 3.0 10 5.0 20 µV/˚C of Input Offset Voltage R S ≤ 50Ω Input Offset Current T A = TA MAX 0.25 3.0 7.5 µA T A = TA MIN 1.8 7.0 7.5 µA Average Temperature Coefficient 25˚C ≤ T A ≤ TMAX 5.0 25 15 50 nA/˚C of Input Offset Current T MIN ≤ TA ≤ 25˚C 15 75 24 100 nA/˚C Input Bias Current T A = TMIN 27 45 25 40 µA Input Voltage Range V − = −7V ±5.0 ±5.0 V Common-Mode Rejection Ratio R S ≤ 200Ω 80 100 70 98 dB Differential Input Voltage Range ±5.0 ±5.0 V Voltage Gain 1000 800 V/V Positive Output Level −5 mA ≤ I OUT ≤ 0 V IN ≥ 5 mV 2.5 3.2 4.0 V V IN ≥ 10 mV 2.5 3.2 4.0 V Negative Output Level V IN ≥ 5 mV −1.0 −0.5 0 V V IN ≥ 10 mV −1.0 −0.5 0 V Output Sink Current V IN ≥ 5 mV, VOUT = 0 T A = 125˚C 0.5 1.7 mA T A = −55˚C 1.0 2.3 mA V IN ≥ 10 mV, VOUT = 0 0.5 mA 0˚C ≤ T A ≤ +70˚C Positive Supply Current V IN ≥ 5 mV 5.2 9.0 mA V IN ≥ 10 mV 5.2 9.0 mA Negative Supply Current V IN ≥ 5 mV 4.6 7.0 mA V IN ≥ 10 mV 4.6 7.0 mA 3 www.national.com PrintDate=1997/05/16 PrintTime=10:46:10 7730 ds010410 Rev. No. 1 Proof 3 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |