Electronic Components Datasheet Search
  English  ▼

X  

LM710H Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM710H
Description  Voltage Comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM710H Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM710H Datasheet HTML 1Page - National Semiconductor (TI) LM710H Datasheet HTML 2Page - National Semiconductor (TI) LM710H Datasheet HTML 3Page - National Semiconductor (TI) LM710H Datasheet HTML 4Page - National Semiconductor (TI) LM710H Datasheet HTML 5Page - National Semiconductor (TI) LM710H Datasheet HTML 6Page - National Semiconductor (TI) LM710H Datasheet HTML 7Page - National Semiconductor (TI) LM710H Datasheet HTML 8Page - National Semiconductor (TI) LM710H Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical Characteristics (Note 3) (Continued)
Parameter
Conditions
LM710
LM710C
Units
Min
Typ
Max
Min
Typ
Max
Power Consumption
I
OUT = 0
V
IN ≥ 5 mV
90
150
mW
V
IN ≥ 10 mV
150
mW
Note 1: Rating applies for ambient temperatures of 25˚C; derate linearly at 5.6 mW/˚C for ambient temperatures above 25˚C.
Note 2: Derate linearly at 9.5 mW/˚C for ambient temperatures above 25˚C.
Note 3: These specifications appy for V+ = 12V, V− = −6V, −55˚C
≤ TA ≤ +125˚C for LM710 and 0˚C ≤ TA ≤ +70˚C for LM710C unless otherwise specified: The input
offset voltage and input offset current (see definitions) are specified for a logic threshold voltage of 1.8V at −55˚C, 1.4V at 25˚C, and 1V at 125˚C for LM710 and 1.5V
at 0˚C, 1.4V at 25˚C, and 1.2V at 70˚C for LM710C.
Note 4: The response time specified (see definitions) is for a 100 mV input step with 5 mV overdrive (LM710) or a 10 mV overdrive (LM710C).
Typical Applications
Schmitt Trigger
DS010410-4
Line Receive with Increased
Output Sink Current
DS010410-5
Pulse Width Modulator
DS010410-6
Level Detector with Lamp Driver
DS010410-7
PrintDate=1997/05/16 PrintTime=10:46:11 7730 ds010410 Rev. No. 1
Proof
4
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com