Electronic Components Datasheet Search
  English  ▼

X  

OPB360 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPB360
Description  Slotted Op ti cal Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB360 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPB360 Datasheet HTML 1Page - OPTEK Technologies OPB360 Datasheet HTML 2Page - OPTEK Technologies OPB360 Datasheet HTML 3Page - OPTEK Technologies OPB360 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NUMBER GUIDE
OPB 3 X X X X X
Optek Assembly
Aperture Width In Front
of Sensor
5 = .0.050" 1 = 0.010"
Phototransistor Output
Aperture Width In Front
Family
of Emitter
5 = 0.050" 1= 0.010"
Discrete Shell Material
Mounting Configurations
Designation
6 - Base Mount IR Transmissive
T -Both Mounting Tabs
Plastic Discrete Shell
N - No Mounting Tabs
PC Mountable Leads
L - Single Mounting Tab
Emitter Side
7 - Base Mount Opaque
P - Single Mounting Tab
Plastic Discrete Shell
Phototransistor Side
PC Mountable Leads
Lead Space Designator
0 = 0.320”(8.12 mm) Lead Space
5 = 0.220”(5.59 mm) Lead Space
Types OPB360, OPB370 Series
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
12-9
Electrical Characteristics (TA = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
MIN MAX UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage
1.7
V
IF = 20 mA
IR
Reverse Current
100
µA
VR = 2 V
Output Phototransistor
V(BR)CEO
Collector-Emitter Breakdown Voltage
30
V
IC = 1 mA
V(BR)ECO
Emitter-Collector Breakdown Voltage
5.0
V
IE = 100
µA
ICEO
Collector-Emitter Dark Curreent
100
nA
VCE = 10 V, IF = 0, Ee = 0
Coupled
IC(ON)
On-State Collector Current
OPB360T, N, L, P55
OPB365T, N, L, P55
OPB370T, N, L, P55
OPB375T, N, L, P55
3.5
14.0
mA
VCE = 0.4 V, IF = 20 mA
OPB360T, N, L, P51
OPB365T, N, L, P51
OPB370T, N, L, P51
OPB375T, N, L, P51
2.5
10.0
mA
VCE = 0.4 V, IF = 20 mA
OPB360T, N, L, P11
OPB365T, N, L, P11
OPB370T, N, L, P11
OPB375T, N, L, P11
1.0
5.0
mA
VCE = 0.4 V, IF = 20 mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com