Electronic Components Datasheet Search
  English  ▼

X  

OPB360 Datasheet(PDF) 4 Page - OPTEK Technologies

Part # OPB360
Description  Slotted Op ti cal Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB360 Datasheet(HTML) 4 Page - OPTEK Technologies

  OPB360 Datasheet HTML 1Page - OPTEK Technologies OPB360 Datasheet HTML 2Page - OPTEK Technologies OPB360 Datasheet HTML 3Page - OPTEK Technologies OPB360 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Types OPB360, OPB370 Series
Typical Performance Curves
Normalized Output Current vs
Forward Current
IF - Forward Current - mA
Normalized Output Current vs
Ambient Temperature
TA - Ambient Temperature -
o C
VCE = 0.4 V
IF = 20 mA
Normalized to
TA = 25
o C
Normalized Output Current vs
Forward Current
IF - Forward Current - mA
VCE = 0.4 V
Normalized to
IF = 20 mA
Rise and Fall Time vs
Load Resistance
RL - Load Resistance -
Ω
IF = 20 mA (50% Duty
Cycle)
VCE = 0.4 V
Rise and Fall Time vs
Load Resistance
RL - Load Resistance -
Ω
IF = 20 mA (50% Duty
Cycle)
VCE = 0.4 V
12-11
VCE = 0.4 V
Normalized to
IF = 20 mA
+2
σ
Typ
-2
σ
+2
σ
Typ
-2
σ
Rise Time
Fall Time
All Part Numbers Ending in “1”
+2
σ
Typ
-2
σ
+2
σ
Typ
-2
σ
Rise Time
Fall Time
+2
σ
Typ
-2
σ
+2
σ
Typ
-2
σ
Optek reserves the right to make changes at any time in order to improve design and to supply the best possible product.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com