Electronic Components Datasheet Search
  English  ▼

X  

MB95F614H Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # MB95F614H
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F614H Datasheet(HTML) 4 Page - Cypress Semiconductor

  MB95F614H Datasheet HTML 1Page - Cypress Semiconductor MB95F614H Datasheet HTML 2Page - Cypress Semiconductor MB95F614H Datasheet HTML 3Page - Cypress Semiconductor MB95F614H Datasheet HTML 4Page - Cypress Semiconductor MB95F614H Datasheet HTML 5Page - Cypress Semiconductor MB95F614H Datasheet HTML 6Page - Cypress Semiconductor MB95F614H Datasheet HTML 7Page - Cypress Semiconductor MB95F614H Datasheet HTML 8Page - Cypress Semiconductor MB95F614H Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 4 of 110
PRELIMINARY
MB95610H Series
1. Product Line-up
(Continued)
Part number
Parameter
MB95F613H
MB95F614H
MB95F616H
MB95F613K
MB95F614K
MB95F616K
Type
Flash memory product
Clock
supervisor counter
It supervises the main clock oscillation and the subclock oscillation.
Flash memory
capacity
12 Kbyte
20 Kbyte
36 Kbyte
12 Kbyte
20 Kbyte
36 Kbyte
RAM capacity
512 bytes
1024 bytes
1024 bytes
512 bytes
1024 bytes
1024 bytes
Power-on reset
Yes
Low-voltage
detection reset
No
Yes
Reset input
With dedicated reset input
Selected through software
CPU functions
• Number of basic instructions
: 136
• Instruction bit length
: 8 bits
• Instruction length
: 1 to 3 bytes
• Data bit length
: 1, 8 and 16 bits
• Minimum instruction execution time
: 61.5 ns (machine clock frequency = 16.25 MHz)
• Interrupt processing time
: 0.6 µs (machine clock frequency = 16.25 MHz)
General-purpose
I/O
• I/O port
: 40
• CMOS I/O
: 39
• N-ch open drain
: 1
• I/O port
: 41
• CMOS I/O
: 39
• N-ch open drain
: 2
Time-base timer
Interval time: 0.256 ms to 8.3 s (external clock frequency = 4 MHz)
Hardware/
software watchdog
timer
• Reset generation cycle
Main oscillation clock at 10 MHz: 105 ms (Min)
• The sub-CR clock can be used as the source clock of the software watchdog timer.
Wild register
It can be used to replace 3 bytes of data.
8/10-bit
A/D converter
4 channels
8-bit or 10-bit resolution can be selected.
8/16-bit
composite timer
2 channels
• The timer can be configured as an “8-bit timer × 2 channels” or a “16-bit timer × 1 channel”.
• It has the following functions: interval timer function, PWC function, PWM function and input capture function.
• Count clock: it can be selected from internal clocks (seven types) and external clocks.
• It can output square wave.
External interrupt
8 channels
• Interrupt by edge detection (The rising edge, falling edge, and both edges can be selected.)
• It can be used to wake up the device from different standby modes.
On-chip debug
• 1-wire serial control
• It supports serial writing (asynchronous mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com