Electronic Components Datasheet Search
  English  ▼

X  

MB95F614H Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # MB95F614H
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F614H Datasheet(HTML) 1 Page - Cypress Semiconductor

  MB95F614H Datasheet HTML 1Page - Cypress Semiconductor MB95F614H Datasheet HTML 2Page - Cypress Semiconductor MB95F614H Datasheet HTML 3Page - Cypress Semiconductor MB95F614H Datasheet HTML 4Page - Cypress Semiconductor MB95F614H Datasheet HTML 5Page - Cypress Semiconductor MB95F614H Datasheet HTML 6Page - Cypress Semiconductor MB95F614H Datasheet HTML 7Page - Cypress Semiconductor MB95F614H Datasheet HTML 8Page - Cypress Semiconductor MB95F614H Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 110 page
background image
PRELIMINARY
MB95F613H/F613K/F614H
MB95F614K/F616H/F616K
New 8FX MB95610H Series
8-bit Microcontrollers
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-04698 Rev. *A
Revised April 8, 2016
The MB95610H Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the
microcontrollers of these series contain a variety of peripheral resources.
Features
F2MC-8FX CPU core
Instruction set optimized for controllers
■ Multiplication and division instructions
■ 16-bit arithmetic operations
■ Bit test branch instructions
■ Bit manipulation instructions, etc.
Clock
■ Selectable main clock source
❐ Main oscillation clock (up to 16.25 MHz, maximum machine
clock frequency: 8.125 MHz)
❐ External clock (up to 32.5 MHz, maximum machine clock
frequency: 16.25 MHz)
❐ Main CR clock (4 MHz 2%)
❐ Main PLL clock / Main CR PLL clock (Main oscillation clock
= 4 MHz, Main CR clock = 4 MHz)
• Both main oscillation clock and main CR clock can be mul-
tiplied by a PLL multiplication rate.
• The frequency of the main PLL clock / main CR PLL clock
becomes 8 MHz when the PLL multiplication rate is 2.
• he frequency of the main PLL clock / main CR PLL clock
becomes 10 MHz when the PLL multiplication rate is 2.5.
• he frequency of the main PLL clock / main CR PLL clock
becomes 12 MHz when the PLL multiplication rate is 3.
• he frequency of the main PLL clock / main CR PLL clock
becomes 16 MHz when the PLL multiplication rate is 4.
■ Selectable subclock source
❐ Suboscillation clock (32.768 kHz)
❐ External clock (32.768 kHz)
❐ Sub-CR clock (Typ: 100 kHz, Min: 50 kHz, Max: 150 kHz)
Timer
■ 8/16-bit composite timer  2 channels
■ 8/16-bit PPG  2 channels
■ 16-bit reload timer  1 channel
■ Event counter  1 channel
■ Time-base timer  1 channel
■ Watch counter  1 channel
■ Watch prescaler  1 channel
UART/SIO
 2 channels
■ Full duplex double buffer
■ Capable of clock asynchronous (UART) serial data transfer and
clock synchronous (SIO) serial data transfer
I2C bus interface
 1 channel
Built-in wake-up function
External interrupt
 8 channels
■ Interrupt by edge detection (rising edge, falling edge, and both
edges can be selected)
■ Can be used to wake up the device from different low power
consumption (standby) modes
8/10-bit A/D converter
 4 channels
8-bit or 10-bit resolution can be selected.
LCD controller (LCDC)
■ LCD output can be selected from 52 SEG  4 COM or 48 SEG
 8 COM.
■ Internal divider resistor whose resistance value can be selected
from 10 k
 or 100 k through software
■ Interrupt in sync with the LCD module frame frequency
■ Blinking function
■ Inverted display function
Low power consumption (standby) modes
There are four standby modes as follows:
■ Stop mode
■ Sleep mode
■ Watch mode
■ Time-base timer mode
In standby mode, two further options can be selected: normal
standby mode and deep standby mode.
I/O port
■ MB95F613H/F614H/F616H (no. of I/O ports: 40)
❐ General-purpose I/O ports (CMOS I/O): 39
❐ General-purpose I/O ports (N-ch open drain): 1
■ MB95F613K/F614K/F616K (no. of I/O ports: 41)
❐ General-purpose I/O ports (CMOS I/O): 39
❐ General-purpose I/O ports (N-ch open drain): 2
On-chip debug
■ 1-wire serial control
■ Serial writing supported (asynchronous mode)


Similar Part No. - MB95F614H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95F632H CYPRESS-MB95F632H Datasheet
4Mb / 102P
F2MC-8FX CPU core
MB95F632HP-G-SH-SNE2 CYPRESS-MB95F632HP-G-SH-SNE2 Datasheet
4Mb / 102P
F2MC-8FX CPU core
MB95F632HPMC-G-SNE2 CYPRESS-MB95F632HPMC-G-SNE2 Datasheet
4Mb / 102P
F2MC-8FX CPU core
MB95F632HWQN-G-SNE1 CYPRESS-MB95F632HWQN-G-SNE1 Datasheet
4Mb / 102P
F2MC-8FX CPU core
MB95F632K CYPRESS-MB95F632K Datasheet
4Mb / 102P
F2MC-8FX CPU core
More results

Similar Description - MB95F614H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95650L CYPRESS-MB95650L Datasheet
11Mb / 105P
F2MC-8FX CPU core
MB95630H CYPRESS-MB95630H Datasheet
4Mb / 102P
F2MC-8FX CPU core
MB96620 CYPRESS-MB96620 Datasheet
1Mb / 65P
F2MC-16FX CPU
MB96630 CYPRESS-MB96630 Datasheet
1Mb / 69P
F2MC-16FX CPU
MB96650 CYPRESS-MB96650 Datasheet
1Mb / 65P
F2MC-16FX CPU
MB96680 CYPRESS-MB96680 Datasheet
1Mb / 68P
F2MC-16FX CPU
logo
fujitsu semiconductor
MB95F168JAPMC1-GE1 FUJITSU-MB95F168JAPMC1-GE1 Datasheet
530Kb / 21P
F2MC-8FX MB95160MA Series
logo
Cypress Semiconductor
MB95F394H CYPRESS-MB95F394H Datasheet
2Mb / 72P
CMOS F2MC-8FX MB95390H Series 8-bit Microcontrollers
MB95200H CYPRESS-MB95200H Datasheet
2Mb / 66P
F2MC-8FX 8-bit Microcontroller
MB95220H CYPRESS-MB95220H Datasheet
2Mb / 58P
F2MC-8FX 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com