Electronic Components Datasheet Search
  English  ▼

X  

MB95F613K Datasheet(PDF) 83 Page - Cypress Semiconductor

Part # MB95F613K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613K Datasheet(HTML) 83 Page - Cypress Semiconductor

Back Button MB95F613K Datasheet HTML 79Page - Cypress Semiconductor MB95F613K Datasheet HTML 80Page - Cypress Semiconductor MB95F613K Datasheet HTML 81Page - Cypress Semiconductor MB95F613K Datasheet HTML 82Page - Cypress Semiconductor MB95F613K Datasheet HTML 83Page - Cypress Semiconductor MB95F613K Datasheet HTML 84Page - Cypress Semiconductor MB95F613K Datasheet HTML 85Page - Cypress Semiconductor MB95F613K Datasheet HTML 86Page - Cypress Semiconductor MB95F613K Datasheet HTML 87Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 83 of 110
PRELIMINARY
MB95610H Series
(VCC = 2.4 V to 5.5 V, VSS = 0.0 V, TA = 40 °C to 85 °C)
(Continued)
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Typ
Max
Clock frequency
FMCRPLL
——
7.84
8
8.16
MHz
Operating conditions
• PLL multiplication rate: 2
•0
C TA 70 C
7.6
8
8.4
MHz
Operating conditions
• PLL multiplication rate: 2
•
 40 C  TA  0 C,
 70 C  TA   85 C
9.8
10
10.2
MHz
Operating conditions
• PLL multiplication rate: 2.5
•0
C TA 70 C
9.5
10
10.5
MHz
Operating conditions
• PLL multiplication rate: 2.5
•
 40 C  TA  0 C,
 70 C  TA   85 C
11.76
12
12.24
MHz
Operating conditions
• PLL multiplication rate: 3
•0
C TA 70 C
11.4
12
12.6
MHz
Operating conditions
• PLL multiplication rate: 3
•
 40 C  TA  0 C,
 70 C  TA   85 C
15.68
16
16.32
MHz
Operating conditions
• PLL multiplication rate: 4
•0
C TA 70 C
15.2
16
16.8
MHz
Operating conditions
• PLL multiplication rate: 4
•
 40 C  TA  0 C,
 70 C  TA   85 C
FCL
X0A, X1A
—
—
32.768
—
kHz
When the suboscillation circuit is
used
—
32.768
—
kHz
When the sub-external clock is used
FCRL
—
—
50
100
150
kHz
When the sub-CR clock is used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com