Electronic Components Datasheet Search
  English  ▼

X  

MB95F613K Datasheet(PDF) 100 Page - Cypress Semiconductor

Part # MB95F613K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613K Datasheet(HTML) 100 Page - Cypress Semiconductor

Back Button MB95F613K Datasheet HTML 96Page - Cypress Semiconductor MB95F613K Datasheet HTML 97Page - Cypress Semiconductor MB95F613K Datasheet HTML 98Page - Cypress Semiconductor MB95F613K Datasheet HTML 99Page - Cypress Semiconductor MB95F613K Datasheet HTML 100Page - Cypress Semiconductor MB95F613K Datasheet HTML 101Page - Cypress Semiconductor MB95F613K Datasheet HTML 102Page - Cypress Semiconductor MB95F613K Datasheet HTML 103Page - Cypress Semiconductor MB95F613K Datasheet HTML 104Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 100 of 110
PRELIMINARY
MB95610H Series
18.5.2 Notes on Using A/D Converter
■ External impedance of analog input and its sampling time
The A/D converter of the MB95610H Series has a sample and hold circuit. If the external impedance is too high to keep sufficient
sampling time, the analog voltage charged to the capacitor of the internal sample and hold circuit is insufficient, adversely affecting
A/D conversion precision. Therefore, to satisfy the A/D conversion precision standard, considering the relationship between the
external impedance and minimum sampling time, either adjust the register value and operating frequency or decrease the external
impedance so that the sampling time is longer than the minimum value. In addition, if sufficient sampling time cannot be secured,
connect a capacitor of about 0.1 µF to the analog input pin.
Note: The values are reference values.
4.5 V
≤ VCC ≤ 5.5 V
2.7 V
≤ VCC < 4.5 V
1.45 k
Ω (Max)
2.7 k
Ω (Max)
14.89 pF (Max)
VCC
R
C
14.89 pF (Max)
Comparator
Analog input
During sampling: ON
R
C
• Analog input equivalent circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com