Electronic Components Datasheet Search
  English  ▼

X  

MB95F614K Datasheet(PDF) 59 Page - Cypress Semiconductor

Part # MB95F614K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F614K Datasheet(HTML) 59 Page - Cypress Semiconductor

Back Button MB95F614K Datasheet HTML 55Page - Cypress Semiconductor MB95F614K Datasheet HTML 56Page - Cypress Semiconductor MB95F614K Datasheet HTML 57Page - Cypress Semiconductor MB95F614K Datasheet HTML 58Page - Cypress Semiconductor MB95F614K Datasheet HTML 59Page - Cypress Semiconductor MB95F614K Datasheet HTML 60Page - Cypress Semiconductor MB95F614K Datasheet HTML 61Page - Cypress Semiconductor MB95F614K Datasheet HTML 62Page - Cypress Semiconductor MB95F614K Datasheet HTML 63Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 59 of 110
PRELIMINARY
MB95610H Series
■ Operation in stop mode and watch mode
❐ If the pin state setting bit in the standby control register (STBC:SPL) is set to “1” and the device transits to stop mode or watch
mode, the pin is compulsorily made to enter the high impedance state regardless of the DDR5 register value. The input of that
pin is locked to “L” level and blocked in order to prevent leaks due to input open. However, if the interrupt input of P51/EC0 is
enabled by the external interrupt control register ch. 0 (EIC00) of the external interrupt circuit and the interrupt pin selection circuit
control register (WICR) of the interrupt pin selection circuit, the input is enabled and is not blocked.
❐ If the pin state setting bit is “0”, the state of the port I/O or that of the peripheral function I/O remains unchanged and the output
level is maintained.
■ Operation of the pull-up register
Setting the bit in the PUL5 register to “1” makes the pull-up resistor be internally connected to the pin. When the pin output is “L” level,
the pull-up resistor is disconnected regardless of the value of the PUL5 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com