Electronic Components Datasheet Search
  English  ▼

X  

MB95F614K Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # MB95F614K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F614K Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button MB95F614K Datasheet HTML 24Page - Cypress Semiconductor MB95F614K Datasheet HTML 25Page - Cypress Semiconductor MB95F614K Datasheet HTML 26Page - Cypress Semiconductor MB95F614K Datasheet HTML 27Page - Cypress Semiconductor MB95F614K Datasheet HTML 28Page - Cypress Semiconductor MB95F614K Datasheet HTML 29Page - Cypress Semiconductor MB95F614K Datasheet HTML 30Page - Cypress Semiconductor MB95F614K Datasheet HTML 31Page - Cypress Semiconductor MB95F614K Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 28 of 110
PRELIMINARY
MB95610H Series
14. I/O Map
(Continued)
Address
Register
abbreviation
Register name
R/W
Initial value
0x0000
PDR0
Port 0 data register
R/W
0b00000000
0x0001
DDR0
Port 0 direction register
R/W
0b00000000
0x0002
PDR1
Port 1 data register
R/W
0b00000000
0x0003
DDR1
Port 1 direction register
R/W
0b00000000
0x0004
—
(Disabled)
—
—
0x0005
WATR
Oscillation stabilization wait time setting register
R/W
0b11111111
0x0006
PLLC
PLL control register
R/W
0b000X0000
0x0007
SYCC
System clock control register
R/W
0bXXX11011
0x0008
STBC
Standby control register
R/W
0b00000000
0x0009
RSRR
Reset source register
R/W
0b000XXXXX
0x000A
TBTC
Time-base timer control register
R/W
0b00000000
0x000B
WPCR
Watch prescaler control register
R/W
0b00000000
0x000C
WDTC
Watchdog timer control register
R/W
0b00XX0000
0x000D
SYCC2
System clock control register 2
R/W
0bXXXX0011
0x000E
PDR2
Port 2 data register
R/W
0b00000000
0x000F
DDR2
Port 2 direction register
R/W
0b00000000
0x0010
PDR3
Port 3 data register
R/W
0b00000000
0x0011
DDR3
Port 3 direction register
R/W
0b00000000
0x0012,
0x0013
—
(Disabled)
—
—
0x0014
PDR5
Port 5 data register
R/W
0b00000000
0x0015
DDR5
Port 5 direction register
R/W
0b00000000
0x0016
to
0x001B
—
(Disabled)
—
—
0x001C
PDR9
Port 9 data register
R/W
0b00000000
0x001D
DDR9
Port 9 direction register
R/W
0b00000000
0x001E
STBC2
Standby control register 2
R/W
0b00000000
0x001F
to
0x0027
—
(Disabled)
—
—
0x0028
PDRF
Port F data register
R/W
0b00000000
0x0029
DDRF
Port F direction register
R/W
0b00000000
0x002A
PDRG
Port G data register
R/W
0b00000000
0x002B
DDRG
Port G direction register
R/W
0b00000000
0x002C
—
(Disabled)
—
—
0x002D
PUL1
Port 1 pull-up register
R/W
0b00000000
0x002E
to
0x0030
—
(Disabled)
—
—
0x0031
PUL5
Port 5 pull-up register
R/W
0b00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com