Electronic Components Datasheet Search
  English  ▼

X  

EXR10 Datasheet(PDF) 2 Page - ETAL Group

Part # EXR10
Description  Diagnostic functions regarding current, voltage or wiring can individually be adjusted to applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

EXR10 Datasheet(HTML) 2 Page - ETAL Group

  EXR10 Datasheet HTML 1Page - ETAL Group EXR10 Datasheet HTML 2Page - ETAL Group EXR10 Datasheet HTML 3Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electronic Relay with Extra Functions - EXR10
www.e-t-a.de
Electronic Relay with Extra Functions - EXR10
1646
2
5
Pin assignment
Technical data (25 °C)
Tests
Tolerances
Voltage values
± 2 %
Timer functions
± 1 %
Current values
± 0.1 x IN
Humidity
9 cycles to DIN EN 60068-2-30:2006-06
max. 55 °C, 24 hrs cycle
Temperature change
30 cycles to DIN EN 60068-2-14:2009-01
min. temperature -40 °C, max. temperature
+90°C
Protection class
DIN 40050:1980-07
DIN EN 60068-2-18:2001-10
sealed: IP55, unsealed: IP30
Vibration
Commercial vehicle, decoupled cab
ISO16750-3:2012 test VII
(with socket AK 595000011 and retaining clip
AK595000031; vibration resistance depends
on design, quality, age (number of push-in
cycles), mounting position of the socket used
and of the connecting cables)
Shock
ISO16750-3:2012
500 m/s², 6 ms, half-sine, 10 shocks
per direction
DIN EN 60068-2-27:2009 test Ea
25 g, 11 ms, halfsine, 10 shocks
per direction
Corrosion
IEC 600068-2-52: 1996-10, severity level 3
8
4
6
2
(86)
(30)
(31)
(88a)
5
8
4
6
21
3
(30)
(86)
(31)
(88a)
LINE
30
2
LOAD 88a
8
GND
31
6
IN
86
4
4-pin version
LINE
30
2
LOAD 88a
8
GND
31
6
IN
86
4
S1
S1
1
S2
S2
3
S3
S3
5
7-pin version
S1 activation signal
S2 diagnosis and overcurrent signal
S3 present load currrent U(I) or PWM(I)
Pin assignment is in accordance with ISO 7588
Pins 2, 4, 5, 6 and S3 – blade terminals 6.3 x 0.8
Pins 1 and 3 – blade terminals 2.8 x 0.6
Pin denomination as per DIN 72552.
Order
We require two parts of information for a complete order, the type
number of the base unit (hardware) and the selected functions
(configuration of software).
The type number allows to have the relay optionally
l
with or without overcurrent trip curve
l
with 4-pin or 7-pin type socket
l
with a current rating between 1 A and 30 A
l
with or without environmental sealing for an enhanced IP protection
degree (comes as a series feature for ratings of 25 A plus)
The configuration of the functions is implemented during production
and cannot be changed afterwards.
Please select at least one function.
The following functions are available:
l
pulse or level control with filtering (100 ms to 5 min)
l
control signal
l
ON and/or OFF delay (100 ms up to 45 d)
l
pulse output, retriggerable or with pulse abortion function
l
blinking (frequency and pulse duty factor selectable)
l
overcurrent characteristic curve with two points defined by
- current (ltrip1, 1.0...1.5 x IN, ± 10 %; ltrip2 2…4 x lN, ± 20 %)
- time (ttrip1, 100...500 ms, 10 %; ttrip2 10...50 ms, ±20 %)
l
reset lock-out (1 s to 10 min)
l
overload error memory
l
overcurrent signal
l
overvoltage and/or undervoltage detection (9...30 Voc, ON or OFF
condition) with filtering (1 s ... 4 min) and disconnection as well as
status indication
l
wire break detection (in ON and/or OFF condition) with wire break
indication
For details of the functions listed above and of the type number
please visit out website1 or see our product configurator2 or contact
your responsible sales person.
1 www.e-t-a.de/relay_configurator



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com