Electronic Components Datasheet Search
  English  ▼

X  

EXR10 Datasheet(PDF) 3 Page - ETAL Group

Part # EXR10
Description  Diagnostic functions regarding current, voltage or wiring can individually be adjusted to applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

EXR10 Datasheet(HTML) 3 Page - ETAL Group

  EXR10 Datasheet HTML 1Page - ETAL Group EXR10 Datasheet HTML 2Page - ETAL Group EXR10 Datasheet HTML 3Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.e-t-a.de
Electronic Relay with Extra Functions - EXR10
1646
3
5
Electronic Relay with Extra Functions - EXR10
Dimensions
Schematic diagram
30
DC12/24 V
LOAD
LINE
30
S1
S2
S3
86
31
88a
GND
U(I)
V
CC
Power
MOSFET
fail safe
circuitry
control
circuit
with µC
control input
status output 1
status output 2
status output 3
power
supply
Time/current characteristic (Tamb = 25 °C)
10 s
1 s
100 ms
10 ms
1 ms
0
1
2
3
4
5
Imax
10 s
1 s
100 ms
10 ms
1 ms
0
1
2
3
4
5
Imax
800 ms
,
Itrip 2 Ttrip 2
500 ms
50 ms
1,3
1,6
3,0
70 A / 250 A
... times rated current I
N
typically
HW Fallback
All dimensions without tolerances are for reference only. E-T-A reserves the right change
specifications at any time in the interest of improved design, performance and cost effective-
ness, the right to make changes in these specifications without notice is reserved. Product
markings may not be exactly as the ordering codes. Errors and omissions excepted.
Status outputs only
available with 7-pole socket
Fail-safe circuitry only with
protected versions (P type)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com