Electronic Components Datasheet Search
  English  ▼

X  

SVS02 Datasheet(PDF) 4 Page - ETAL Group

Part # SVS02
Description  Power Distribution System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

SVS02 Datasheet(HTML) 4 Page - ETAL Group

  SVS02 Datasheet HTML 1Page - ETAL Group SVS02 Datasheet HTML 2Page - ETAL Group SVS02 Datasheet HTML 3Page - ETAL Group SVS02 Datasheet HTML 4Page - ETAL Group SVS02 Datasheet HTML 5Page - ETAL Group SVS02 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Power Distribution System SVS02
www.e-t-a.de
Power Distribution System SVS02
4
1646
6
Dimensions SVS02-04, fitted with ESX10-103
Insulated wire bridge
105.4
109.5
15.5
L + S
L + L
FE
F1
F2
F3
F4
+
SC
SO
-
FE
DC 24V/40A
X21 + X21
X21FE
4.15
4.31
.610
load outputs
screwless spring-loaded terminals
screw terminals
power supply



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com