Electronic Components Datasheet Search
  English  ▼

X  

SVS02 Datasheet(PDF) 1 Page - ETAL Group

Part # SVS02
Description  Power Distribution System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

SVS02 Datasheet(HTML) 1 Page - ETAL Group

  SVS02 Datasheet HTML 1Page - ETAL Group SVS02 Datasheet HTML 2Page - ETAL Group SVS02 Datasheet HTML 3Page - ETAL Group SVS02 Datasheet HTML 4Page - ETAL Group SVS02 Datasheet HTML 5Page - ETAL Group SVS02 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.e-t-a.de
Power Distribution System SVS02
1
1646
6
Description
Technical data
Ordering information
SVS02-08-...
The E-T-A power distribution system SVS02 is designed to accommodate
the electronic circuit breaker series ESS20-003 or electronic circuit
protector ESX10. It distributes the current supplied by a switch mode
power supply up to 40 A to 4, 8, 12 or 16 channels. Input connections
are via screw terminals. The individual circuit breakers can be plugged
in. Loads are connected via spring-loaded screwless terminals. The
power distribution includes integral wiring of the signalisation of the
individual channels which can be combined to a group signal. The
SVS02 can be snapped onto a DIN symmetrical rail.
Suitable for
l
ESS20-003
l
ESX10-103
l
2210-S21
l
Modular Power distribution system for short-circuit limited DC 24 V
applications up to max. 40 A continuous load, max. voltage DC 32 V.
l
Three screw terminals (max. 10 mm2/AWG 8) for:
- DC 24 V (+) = X 21 +
- DC 24 V (-) = X 21 -
- FE (functional earth) = X 21 FE
for connecting the DC 24 V power supply max. 40 A
l
Modular design ESS20-positions F1...F4 (..F8, ...F12 or ...F16):
- SVS02-04 / 4 channels / F1...F4 = Kl. X1...X4
- SVS02-08 / 8 channels / F1...F8 = Kl. X1...X8
- SVS02-12 / 12 channels / F1...F12 = Kl. X1...X12
- SVS02-16 / 16 channels / F1...F16 = Kl. X1...X16
l
5 load outputs per channel
complete with Combicon screwless connectors, wiring
5 x max. 2.5 mm2 (AWG 14)/ without connector sleeve max. 8 A:
- (L+S) group output (+), internally bridged across all channels
- (L+L) load output (+), per channel
- (-)
DC 24 V (-)
- (-)
DC 24 V (-)
- (FE) functional earth
l
Signal terminal (X31) for group signal
complete with Combicon screwless connectors, wiring
5 x max. 2.5 mm2 (AWG 14)/ without connector sleeve, max. 0.5 A
(signal contact ESS20):
- (+) internal +DC 24 V supply for signalisation of terminal
X 21 + via insulated jumper from (+) to (SC), protected by
CB2
- (SC) external supply possible +DC 24 V for signalisation,
protected by CB1
- (S0) signal output group signalisation
- (-)
additional output DC 24 V (-)
- (FE) additional functional earth
l
Selective overcurrent protection CB1 and CB2 for group
signalisation of the power distribution system, red LED blinks
after CB1 has tripped (see schematic diagram).
Reset of circuit breakers: momentarily press red actuator button
l
Protection class to: IP20
l
Insulation co-ordination to IEC 60934: 0.5 kV / pollution degree 2
l
Dielectric strength AC 500 V
l
Temperature range: 0...50 °C (without condensation)
l
for DIN symmetrical rail mounting EN 50022 - 35 x 7.5
l
Dimensions: see dimensional drawing
Type
SVS02 Power distribution system for ESS20-003
l
short circuit current limited DC 24 V applications
l
max. 40 A continuous load
l
two integral circuit breakers (CB1 and CB2):
overcurrent protection of group signalisation of power distribution
system, red LED glashes upon trip of CB1
l
2 insulated wire bridges Y 303 881 08 included
l
without jumpers SB-S11-P1-01-1-1A (for unused positions)
Version, max. number of circuit breakers ESS20-003
on the power distribution system
04 4 channels (F1...F4)
08 8 channels (F1...F8)
12 12 channels (F1...F12)
16 16 channels (F1...F16)
Screw terminals for power supply DC 24 V
P310 3 loop-through terminals (X 21) max. 10 mm2
for DC 24 V (+) / DC 24 V (-) / FE functional earth
Load outputs per channel (F1 .. Fn, n = 04, 08, 12, 16)
L50
5 load outputs per channel, max. 8 A each
l
(L+S) group output (+) internally bridged
over all channels
l
(L+L) protected load output (+), per channel
l
(-)
DC 24 V (-)
l
(-)
DC 24 V (-)
l
(FE) functional earth
Signal outputs
S15 1 signal terminal (X31) for
group signal, 5-pole, complete with plug-in
terminal, wiring 5 x max. 2.5 mm2 / without
connector sleeve, max. 0.5 A:
l
(+)
internal +DC 24 V supply for
signalisation via insulated
wire bridge from (+) to (SC)
l
(SC) external supply possible +DC 24 V
for signalisation
l
(S0) signal output
group signalisation
l
(-)
additional output DC 24 V (-)
l
(FE) additional functional earth
Control input
E00 without control input
Fitting variants
B10 complete with screwless
spring-loaded terminals,
(max. 2.5 mm2, without
connector sleeve) (standard)
B20 complete with plug-in screw
terminals (max. 2.5 mm2,
without connector sleeve)
SVS02 - 16-P310 - L50 - S15 -E00 - B10


Similar Part No. - SVS02

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SVS03331P1RBQ SEMTECH-SVS03331P1RBQ Datasheet
754Kb / 6P
Low Capacitance ESD and EOS Protection
Rev. 2.2
SVS03331P1RBQ.C SEMTECH-SVS03331P1RBQ.C Datasheet
754Kb / 6P
Low Capacitance ESD and EOS Protection
Rev. 2.2
logo
ETAL Group
SVS04 ETAL-SVS04 Datasheet
2Mb / 10P
Power Distribution System
SVS04-04-B10-K01-SB01 ETAL-SVS04-04-B10-K01-SB01 Datasheet
2Mb / 10P
Power Distribution System
logo
E-T-A Elektrotechnische...
SVS04-04-B10-K01-SB01 E-T-A-SVS04-04-B10-K01-SB01 Datasheet
2Mb / 10P
Power Distribution System SVS04
More results

Similar Description - SVS02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010 TI-TPS2010 Datasheet
366Kb / 17P
POWER-DISTRIBUTION
logo
Fairchild Semiconductor
AN-5048 FAIRCHILD-AN-5048 Datasheet
65Kb / 3P
System Clock Distribution Example Using LVDS
logo
Texas Instruments
TPS2012DR TI1-TPS2012DR Datasheet
720Kb / 21P
POWER-DISTRIBUTION
logo
ETAL Group
SVS04 ETAL-SVS04 Datasheet
2Mb / 10P
Power Distribution System
SBG-E1048-05-V0025 ETAL-SBG-E1048-05-V0025 Datasheet
206Kb / 2P
Power distribution system on pcb for truck applications
logo
Weidmuller
1339920000 WEIDMULLER-1339920000 Datasheet
207Kb / 2P
Potential-distribution modules; system accessory
1346610000 WEIDMULLER-1346610000 Datasheet
213Kb / 2P
Potential-distribution modules; system accessory
1469340000 WEIDMULLER-1469340000 Datasheet
56Kb / 2P
Potential-distribution modules; system accessory
logo
Ultralife Corporation.
MRC-141 ULTRALIFE-MRC-141 Datasheet
631Kb / 2P
Multi-outlet Vehicular Power Distribution System
23 Apr 2010 Rev A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com