Electronic Components Datasheet Search
  English  ▼

X  

PI5A4626 Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI5A4626
Description  SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A4626 Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PI5A4626 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
PS8641A
06/27/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A4626/4629
SOTINY Low-Voltage, Single-Supply,
1-Ohm SPST CMOS Analog Switches
Test Circuits/Timing Diagrams (continued)
Figure 5. Channel On/Off Capacitance
Figure 6. Bandwidth
Capacitance
Meter
COM
IN
10nF
GND
f = 1 MHz
NO
+5V
V+
0V to 2.4V
or 0V to 2V
V+
GND
NC or
NO
10nF
COM
+5V
Vo
Rg = 50ohm
RL
50
ohm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com