Electronic Components Datasheet Search
  English  ▼

X  

PI5A4626 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5A4626
Description  SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A4626 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5A4626 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PS8641A
06/27/04
123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123
PI5A4626/4629
SOTINY Low-Voltage, Single-Supply,
1-Ohm SPST CMOS Analog Switches
Electrical Specifications - Single +5V Supply (continued)
(V+ = + 5V ± 10%, GND = 0V, VINH = 2.4V, VINL = 0.8V)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cp
m
e
T
)
C
º
(
.
n
i
M
)
1
(
.
p
y
T
)
2
(
.
x
a
M
-
(
)
1
s
t
i
n
U
t
u
p
n
I
c
i
g
o
L
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
IV H
I
l
e
v
e
L
h
g
i
H
c
i
g
o
l
d
e
e
t
n
a
r
a
u
G
ll
u
F
4
.
2
V
e
g
a
tl
o
V
w
o
L
t
u
p
n
IV L
I
l
e
v
e
L
w
o
L
c
i
g
o
l
d
e
e
t
n
a
r
a
u
G8
.
0
h
g
i
H
e
g
a
tl
o
V
h
ti
w
t
n
e
r
r
u
C
t
u
p
n
II H
N
I
V N
I
V
8
.
0
=
s
r
e
h
t
o
ll
a
,
V
4
.
2
=1
–5
0
0
.
01
µA
w
o
L
e
g
a
tl
o
V
h
ti
w
t
n
e
r
r
u
C
t
u
p
n
II L
N
I
V N
I
V
4
.
2
=
s
r
e
h
t
o
ll
a
,
V
8
.
0
=1
–5
0
0
.
01
c
i
m
a
n
y
D
e
m
i
T
n
O
-
n
r
u
T
t N
O
V
,
V
5
=
+
V
O
N
V
r
o
=
C
N
1
e
r
u
g
i
F
,
V
5
.
2
5
20
25
3
s
n
ll
u
F0
4
e
m
i
T
f
f
O
-
n
r
u
T
t F
F
O
5
25
10
2
ll
u
F5
3
n
o
it
c
e
j
n
I
e
g
r
a
h
C
)
3
(
Q
CL
V
,
F
n
1
=
N
E
G
,
V
0
=
R N
E
G
2
e
r
u
g
i
F
,
m
h
O
0
=
5
20
4C
p
n
o
it
a
l
o
s
I
f
f
O
R
R
I
O
RL
,
s
m
h
O
0
5
=
3
e
r
u
g
i
F
,
z
H
M
1
=
f
7
5
–
B
d
k
l
a
t
s
s
o
r
C
)
8
(
X
K
L
A
T
RL
,
s
m
h
O
0
5
=
4
e
r
u
g
i
F
,
z
H
M
1
=
f
7
5
–
e
c
n
a
ti
c
a
p
a
C
O
N
r
o
C
NC
)
F
F
O
(
5
e
r
u
g
i
F
,
z
H
M
1
=
f
3
8
F
p
e
c
n
a
ti
c
a
p
a
C
f
f
O
M
O
CC
)
F
F
O
(
M
O
C
3
8
e
c
n
a
ti
c
a
p
a
C
n
O
M
O
CC
)
N
O
(
M
O
C
6
e
r
u
g
i
F
,
z
H
M
1
=
f0
7
1
y
l
p
p
u
S
e
g
n
a
R
y
l
p
p
u
S
-
r
e
w
o
P+
V
ll
u
F
8
.
15
.
5V
t
n
e
r
r
u
C
y
l
p
p
u
S
e
v
ti
s
o
P+
IV C
C
V
,
V
5
.
5
=
N
I
+
V
r
o
V
0
=5
.
01
µA
Notes:
1. The algebraic convention, where most negative value is a minimum and most positive is a maximum, is used in this data sheet.
2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3. Guaranteed by design.
4.
∆RON = RON max. - RON min.
5. Flatness is defined as the difference between the maximum and minimum value of On-resistance measured.
6. Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25ºC.
7. Off Isolation = 20log10 [ VCOM / (VNO or VNC) ]. See Figure 3.
8. Between any two switches. See Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com