Electronic Components Datasheet Search
  English  ▼

X  

LM7301IMX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7301IMX
Description  Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in TinyPak??Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7301IMX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM7301IMX Datasheet HTML 1Page - National Semiconductor (TI) LM7301IMX Datasheet HTML 2Page - National Semiconductor (TI) LM7301IMX Datasheet HTML 3Page - National Semiconductor (TI) LM7301IMX Datasheet HTML 4Page - National Semiconductor (TI) LM7301IMX Datasheet HTML 5Page - National Semiconductor (TI) LM7301IMX Datasheet HTML 6Page - National Semiconductor (TI) LM7301IMX Datasheet HTML 7Page - National Semiconductor (TI) LM7301IMX Datasheet HTML 8Page - National Semiconductor (TI) LM7301IMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
5.0V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5.0V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ to
V
+/2. Boldface limits apply at the temperature extremes
Typ
LM7301
Symbol
Parameter
Conditions
(Note 5)
Limit
Units
(Note 6)
I
S
Supply Current
0.60
1.10
mA
1.24
max
AC Electrical Characteristics
T
J = 25˚C, V
+ = 2.2V to 30V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ to V
+/2
Symbol
Parameter
Conditions
Typ
Units
(Note 5)
SR
Slew Rate
±4V Step @ V
S ±6V
1.25
V/µs
GBW
Gain-Bandwidth Product
f = 100 kHz, R
L = 10 kΩ
4
MHz
e
n
Input-Referred Voltage Noise
f = 1 kHz
36
i
n
Input-Referred Current Noise
f = 1 kHz
0.24
T.H.D.
Total Harmonic Distortion
f = 10 kHz
0.006
%
2.2V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.2V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ to
V
+/2. Boldface limits apply at the temperature extremes
Typ
LM7301
Symbol
Parameter
Conditions
(Note 5)
Limit
Units
(Note 6)
V
OS
Input Offset Voltage
0.04
6
mV
8
max
TCV
OS
Input Offset Voltage Average Drift
2
µV/˚C
I
B
Input Bias Current
V
CM = 0V
89
200
nA
250
max
V
CM = 2.2V
−35
−75
nA
−85
min
I
OS
Input Offset Current
V
CM = 0V
0.8
70
nA
max
80
V
CM = 2.2V
0.4
55
65
R
IN
Input Resistance
0V
≤ V
CM ≤ 2.2V
18
M
Ω
CMRR
Common Mode Rejection Ratio
0V
≤ V
CM ≤ 2.2V
82
60
dB
min
56
PSRR
Power Supply Rejection Ratio
2.2V
≤ V+ ≤ 30V
104
87
84
V
CM
Input Common-Mode Voltage Range
CMRR > 60 dB
2.3
V
−0.1
V
A
V
Large Signal Voltage Gain
R
L = 10 kΩ
46
6.5
V/mV
V
O = 1.6VPP
5.4
min
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com