Electronic Components Datasheet Search
  English  ▼

X  

LM7301IMX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7301IMX
Description  Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in TinyPak??Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7301IMX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM7301IMX Datasheet HTML 1Page - National Semiconductor (TI) LM7301IMX Datasheet HTML 2Page - National Semiconductor (TI) LM7301IMX Datasheet HTML 3Page - National Semiconductor (TI) LM7301IMX Datasheet HTML 4Page - National Semiconductor (TI) LM7301IMX Datasheet HTML 5Page - National Semiconductor (TI) LM7301IMX Datasheet HTML 6Page - National Semiconductor (TI) LM7301IMX Datasheet HTML 7Page - National Semiconductor (TI) LM7301IMX Datasheet HTML 8Page - National Semiconductor (TI) LM7301IMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM7301
Low Power, 4 MHz GBW, Rail-to-Rail Input-Output
Operational Amplifier in TinyPak™ Package
General Description
The LM7301 provides high performance in a wide range of
applications. The LM7301 offers greater than rail-to-rail input
range, full rail-to-rail output swing, large capacitive load driv-
ing ability and low distortion.
With only 0.6 mA supply current, the 4 MHz gain-bandwidth
of this device supports new portable applications where
higher power devices unacceptably drain battery life.
The LM7301 can be driven by voltages that exceed both
power supply rails, thus eliminating concerns over exceeding
the common-mode voltage range. The rail-to-rail output
swing capability provides the maximum possible dynamic
range at the output. This is particularly important when oper-
ating on low supply voltages.
Operating on supplies of 1.8V–32V, the LM7301 is excellent
for a very wide range of applications in low power systems.
Placing the amplifier right at the signal source reduces board
size and simplifies signal routing. The LM7301 fits easily on
low profile PCMCIA cards.
Features
at V
S = 5V (Typ unless otherwise noted)
n Tiny SOT23-5 package saves space
n Greater than Rail-to-Rail Input CMVR
−0.25V to 5.25V
n Rail-to-Rail Output Swing
0.07V to 4.93V
n Wide Gain-Bandwidth
4 MHz
n Low Supply Current
0.60 mA
n Wide Supply Range
1.8V to 32V
n High PSRR
104 dB
n High CMRR
93 dB
n Excellent Gain
97 dB
Applications
n Portable instrumentation
n Signal conditioning amplifiers/ADC buffers
n Active filters
n Modems
n PCMCIA cards
Connection Diagrams
Ordering Information
Package
Ordering
NSC Drawing
Package
Supplied As
Information
Number
Marking
8-Pin SO-8
LM7301IMX
M08A
LM7301IM
2.5k Tape and Reel
LM7301IM
M08A
LM7301IM
Rails
5-Pin SOT23
LM7301IM5
MA05A
A04A
1k Tape and Reel
LM7301IM5X
MA05A
A04A
3k Tape and Reel
TinyPak™ is a trademark of National Semiconductor Corporation.
8-Pin SO-8
DS012842-1
Top View
5-Pin SOT23
DS012842-2
Top View
August 1999
© 1999 National Semiconductor Corporation
DS012842
www.national.com


Similar Part No. - LM7301IMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM7301IMX/NOPB TI1-LM7301IMX/NOPB Datasheet
1Mb / 28P
LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
LM7301IMX/NOPB TI2-LM7301IMX/NOPB Datasheet
1Mb / 31P
LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
REVISED MAY 2016
LM7301IMX/NOPB.A TI2-LM7301IMX/NOPB.A Datasheet
1Mb / 31P
LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
REVISED MAY 2016
More results

Similar Description - LM7301IMX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
Input/Output Rail-to-Rail Low Power Operational Amplifier
Dec-2005
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
Input/output rail-to-rail low power operational amplifier
10-Dec-2007
logo
Texas Instruments
LM7341 TI-LM7341_15 Datasheet
900Kb / 27P
Rail-to-Rail Input/Output 짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
logo
ON Semiconductor
LM7301 ONSEMI-LM7301 Datasheet
380Kb / 12P
Low Power 4 MHz GBW Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
NCS2005 ONSEMI-NCS2005 Datasheet
481Kb / 10P
Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
October, 2015 ??Rev. 0
logo
Texas Instruments
LM7301 TI1-LM7301_16 Datasheet
1Mb / 28P
LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
logo
ON Semiconductor
NCS2005 ONSEMI-NCS2005_16 Datasheet
458Kb / 10P
Operational Amplifier, Low Power, 8 MHz GBW Rail-to-Rail Input-Output
January, 2016 ??Rev. 1
LM7301 ONSEMI-LM7301_14 Datasheet
380Kb / 12P
Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
logo
Texas Instruments
OPA810 TI1-OPA810 Datasheet
644Kb / 21P
OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
logo
ON Semiconductor
NCS2005 ONSEMI-NCS2005_V01 Datasheet
573Kb / 11P
Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
March, 2019 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com