Electronic Components Datasheet Search
  English  ▼

X  

PIC16C84 Datasheet(PDF) 62 Page - Microchip Technology

Part # PIC16C84
Description  8 BIT CMOS EEPROM MICROCONTROLLERS
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C84 Datasheet(HTML) 62 Page - Microchip Technology

Back Button PIC16C84 Datasheet HTML 58Page - Microchip Technology PIC16C84 Datasheet HTML 59Page - Microchip Technology PIC16C84 Datasheet HTML 60Page - Microchip Technology PIC16C84 Datasheet HTML 61Page - Microchip Technology PIC16C84 Datasheet HTML 62Page - Microchip Technology PIC16C84 Datasheet HTML 63Page - Microchip Technology PIC16C84 Datasheet HTML 64Page - Microchip Technology PIC16C84 Datasheet HTML 65Page - Microchip Technology PIC16C84 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 117 page
background image
PIC16C8X
DS30081F-page 62
© 1995 Microchip Technology Inc.
RETURN
Return from Subroutine
Syntax:
[
label ]
RETURN
Operands:
None
Operation:
TOS
→ (PC)
Status Affected:
None
Encoding:
00
0000
0000
1000
Description:
Return from subroutine. The stack is
popped and the Top of Stack (TOS) is
loaded into the program counter. This
is a two cycle instruction.
Words:
1
Cycles:
2
Example
RETURN
After Interrupt
PC =
TOS
RLF
Rotate Left f through Carry
Syntax:
[
label ]
RLF
f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
See description below
Status Affected:
C
Encoding:
00
1101
dfff
ffff
Description:
The contents of register 'f' are
rotated one bit to the left through
the Carry Flag. If 'd' is 0 the result
is placed in the W register. If 'd' is
1 the result is stored back in reg-
ister 'f'.
Words:
1
Cycles:
1
Example
RLF
REG1,0
Before Instruction
REG1
=
1110 0110
C=
0
After Instruction
REG1
=
1110 0110
W=
1100 1100
C=
1
Register f
C
RRF
Rotate Right f through Carry
Syntax:
[
label ]
RRF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
See description below
Status Affected:
C
Encoding:
00
1100
dfff
ffff
Description:
The contents of register 'f' are rotated
one bit to the right through the Carry
Flag.If 'd' is 0 the result is placed in the
W register. If 'd' is 1 the result is placed
back in register 'f'
.
Words:
1
Cycles:
1
Example
RRF
REG1,0
Before Instruction
REG1
=
1110 0110
C=
0
After Instruction
REG1
=
1110 0110
W=
0111 0011
C=
1
SLEEP
Go into Standby Mode
Syntax:
[
label ]
SLEEP
Operands:
None
Operation:
00h
→ WDT,
0
→ WDT prescaler
1
→ TO,
0
→ PD
Status Affected:
TO, PD
Encoding:
00
0000
0110
0011
Description:
The power down status bit (PD)
is cleared. Time-out status bit
(TO) is set. Watchdog Timer and
its prescaler are cleared.
The processor is put into SLEEP
mode with the oscillator
stopped.
Words:
1
Cycles:
1
Example:
SLEEP
Register f
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com