Electronic Components Datasheet Search
  English  ▼

X  

PIC16C84 Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC16C84
Description  8 BIT CMOS EEPROM MICROCONTROLLERS
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C84 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC16C84 Datasheet HTML 8Page - Microchip Technology PIC16C84 Datasheet HTML 9Page - Microchip Technology PIC16C84 Datasheet HTML 10Page - Microchip Technology PIC16C84 Datasheet HTML 11Page - Microchip Technology PIC16C84 Datasheet HTML 12Page - Microchip Technology PIC16C84 Datasheet HTML 13Page - Microchip Technology PIC16C84 Datasheet HTML 14Page - Microchip Technology PIC16C84 Datasheet HTML 15Page - Microchip Technology PIC16C84 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 117 page
background image
PIC16C8X
DS30081F-page 12
© 1995 Microchip Technology Inc.
4.2
Data Memory Organization
The data memory is partitioned into two areas. The first
is the Special Function Registers (SFR) area, while the
second is the General Purpose Registers (GPR) area.
The SFRs control the operation of the device.
Portions of data memory are banked. This is for both
the SFR area and the GPR area. The GPR area is
banked to allow greater than 116 bytes of general
purpose RAM. The banked areas of the SFR are for the
registers that control the peripheral functions. Banking
requires the use of control bits for bank selection.
These control bits are located in the STATUS Register.
Figure 4-2 shows the data memory map organization.
Instructions MOVWF and MOVF can move values from the
W register to any location in the register file (“F”), and
vice-versa.
The entire data memory can be accessed either
directly using the absolute address of each register file
or indirectly through the File Select Register (FSR)
(Section 4.4). Indirect addressing uses the present
value of the RP1:RP0 bits for access into the banked
areas of data memory.
Data memory is partitioned into two banks which
contain the general purpose registers and the special
function registers. Bank 0 is selected by clearing the
RP0 bit (STATUS<5>). Setting the RP0 bit selects
Bank 1. Each Bank extends up to 7Fh (128 bytes). The
lower locations of each Bank are reserved for the
Special
Function
Registers.
Above
the
Special
Function Registers are General Purpose Registers
implemented as static RAM. (Figure 4-2)
4.2.1
GENERAL PURPOSE REGISTER FILE
All devices have some amount of General Purpose
Register (GPR) area. Each GPR is 8-bits wide and is
accessed either directly, or indirectly through the FSR
(Section 4.4).
Architecturally, the GPR area starts at address 0Ch for
bank 0 and 8Ch for bank 1. When more than 116 bytes
of GPR are present on the device, banking must be
performed to access the additional memory space.
PIC16C8X devices have up to 68 bytes of GPR
memory, and therefore do not require banking of the
GPR memory. Any access to Bank 1 will cause the
access to occur in Bank 0. That is, the MSb of the 8-bit
direct address will be ignored.
4.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers (Figure 4-2 and
Table 4-1) are used by the CPU and Peripheral
functions to control the device operation. These
registers are static RAM.
The special function registers can be classified into two
sets, core and peripheral. Those associated with the
“core” functions are described in this section. Those
related to the operation of the peripheral features are
described in the section for that specific feature.
FIGURE 4-2:
REGISTER FILE MAP
File Address
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
2Fh (2)
30h (2)
7Fh
80h
81h
82h
83h
84h
85h
86h
87h
88h
89h
8Ah
8Bh
8Ch
FFh
Bank 0
Bank 1
Indirect addr.(1)
Indirect addr.(1)
TMR0
OPTION
PCL
STATUS
FSR
PORTA
PORTB
EEDATA
EEADR
PCLATH
INTCON
36 / 68
General
Purpose
registers
(SRAM)
PCL
STATUS
FSR
TRISA
TRISB
EECON1
EECON2(1)
PCLATH
INTCON
Mapped
in Bank 0
Unimplemented data memory location; read as '0'.
File Address
AFh (2)
B0h(2)
Note 1:
Not a physical register.
2:
The address depends on the device used.
Devices with 36 bytes end at 2Fh, devices with
68 bytes end at 4Fh.
CFh (2)
D0h (2)
4Fh (2)
50h (2)
(accesses)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com