Electronic Components Datasheet Search
  English  ▼

X  

IDTP9122 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDTP9122
Description  Dual Channel Synchronous Step- Down Switcher with Integrated FET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTP9122 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDTP9122 Datasheet HTML 1Page - Integrated Device Technology IDTP9122 Datasheet HTML 2Page - Integrated Device Technology IDTP9122 Datasheet HTML 3Page - Integrated Device Technology IDTP9122 Datasheet HTML 4Page - Integrated Device Technology IDTP9122 Datasheet HTML 5Page - Integrated Device Technology IDTP9122 Datasheet HTML 6Page - Integrated Device Technology IDTP9122 Datasheet HTML 7Page - Integrated Device Technology IDTP9122 Datasheet HTML 8Page - Integrated Device Technology IDTP9122 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
IDTP9122
Advanced Datasheet
March 12, 2014
2
© 2014 Integrated Device Technology, Inc.
ORDERING GUIDE
Table 1 – Ordering Summary
PART NUMBER
MARKING
PACKAGE
AMBIENT TEMP.
RANGE
SHIPPING CARRIER
QUANTITY
P9122-00NBGI
P9122-00NBGI
QFN-24 4x4x0.75mm 24-ld
-40°C to +85°C
Tape or Canister
490
P9122-xxNBGI
P9122-xxNBGI
QFN-24 4x4x0.75mm 24-ld
-40°C to +85°C
Tape or Canister
490
P9122-xxNBGI8
P9122-xxNBGI
QFN-24 4x4x0.75mm 24-ld
-40°C to +85°C
Tape and Reel
4000
IDT P 91 22 – xx NBG I 8
T&R option:
8=T&R, Blank=no
Temperature Grade:
I=-40C to +85C
Package Code
Device ID
PMIC Code
Power Prefix
Configuration ID
Additional Ordering Information:
The IDTP9122 will be sampled in “-00” configuration, with all user configurable OTP registers at default state (0). Once a final
customer configuration has been defined, a configuration specific “-xx” ID will be assigned and used for order and marking.
ABSOLUTE MAXIMUM RATINGS
Stresses above the ratings listed below can cause permanent damage to the IDTP9122. These ratings are stress ratings only. Functional
operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed
only over the recommended operating temperature range.
Table 2 – Absolute Maximum Ratings
SYMBOL
PARAMETER
MIN
MAX
UNIT
PVIN1, PVIN2 to PGND
Regulator input voltage
-0.3
6.0
V
VIN to GND
Supply for device
-0.3
6.0
V
LX1, LX2
Regulator Switch Nodes
-0.3
6.0
V
FB1, FB2
Regulator Feedback pins
-0.3
3.6
V
All other pins
-0.3
6.0
V
TJ
Operating Junction Temperature
125
°C
TS
Storage Temperature
150
°C
TSOLDER
Soldering Temperature (10 seconds)
260
°C
PD
Power Dissipation (TA = 25°C)
2.5
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com