Electronic Components Datasheet Search
  English  ▼

X  

ZLED7015 Datasheet(PDF) 19 Page - Integrated Device Technology

Part # ZLED7015
Description  1.0MHz Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7015 Datasheet(HTML) 19 Page - Integrated Device Technology

Back Button ZLED7015 Datasheet HTML 14Page - Integrated Device Technology ZLED7015 Datasheet HTML 15Page - Integrated Device Technology ZLED7015 Datasheet HTML 16Page - Integrated Device Technology ZLED7015 Datasheet HTML 17Page - Integrated Device Technology ZLED7015 Datasheet HTML 18Page - Integrated Device Technology ZLED7015 Datasheet HTML 19Page - Integrated Device Technology ZLED7015 Datasheet HTML 20Page - Integrated Device Technology ZLED7015 Datasheet HTML 21Page - Integrated Device Technology ZLED7015 Datasheet HTML 22Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
ZLED7015 Datasheet
© 2016 Integrated Device Technology, Inc.
19
April 20, 2016
PGND
VP
AGND
AGND
EN
LX
VDD
NC
FB
OVP
5
ESD/Latch-Up-Protection
All high voltage pins (1, 4, 5, 9, and 10) have an ESD protection of >± 2500V according to the Human Body Model
(HBM). The ESD test follows the Human Body Model based on MIL 883-H, Method 3015.8
All low voltage pins (2, 3, 6, 7, and 8) have an ESD protection of >± 4000V according to the Human Body Model
(HBM). The ESD test follows the Human Body Model based on MIL 883-H, Method 3015.8
All pins pass the latch-up test based on the JEDEC Standard No. 78B, December 2008.
6
Pin Configuration and Package
The ZLED7015 package is an MSOP-10, which has a thermal resistance (junction to ambient) of
RθJA = 60°C/W.
Figure 6.1
ZLED7015 Pin Configuration—MSOP-10 Package
Table 6.1
Pin Description MSOP-10
Pin Name
No.
Description
PGND
1
Power ground
VP
2
Internal 5V linear regulator output. VP is the power supply for the internal switch gate driver and the
internal control circuitry. Use a 10µF ceramic bypass capacitor between VP and ground.
AGND
3
Analog (signal) ground.
EN
4
Enable control input. Important: Do not allow this pin to float.
AGND
5
Analog (signal) ground.
OVP
6
Over-voltage protection control input.
FB
7
Feedback voltage input. The nominal average output current is set by the value of RS connected from
FB to GND – see section 2.2.1 for details. Important: Do not allow the FB pin to float.
n.c.
8
No connection
VDD
9
Supply voltage (6V to 30V)—see section 7 for layout considerations.
LX
10
Drain of the internal switch. Connect the power inductor between LX and the power supply. Connect the
output rectifier D1 between LX and the output circuit. See section1.1 for output range specifications.
Thermal
Pad
Connect to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com