Electronic Components Datasheet Search
  English  ▼

X  

ZLED7015 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # ZLED7015
Description  1.0MHz Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7015 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button ZLED7015 Datasheet HTML 11Page - Integrated Device Technology ZLED7015 Datasheet HTML 12Page - Integrated Device Technology ZLED7015 Datasheet HTML 13Page - Integrated Device Technology ZLED7015 Datasheet HTML 14Page - Integrated Device Technology ZLED7015 Datasheet HTML 15Page - Integrated Device Technology ZLED7015 Datasheet HTML 16Page - Integrated Device Technology ZLED7015 Datasheet HTML 17Page - Integrated Device Technology ZLED7015 Datasheet HTML 18Page - Integrated Device Technology ZLED7015 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
ZLED7015 Datasheet
© 2016 Integrated Device Technology, Inc.
15
April 20, 2016
S
S
R
R
R
V
V
FB
OUT
)
(
3 +
×
=
(
)
S
R
R
R
V
D
V
R
V
I
FB
PWM
PWM
FB
OUT


+
×
×
=
5
3
4
The output current controlled by the PWM voltage on FB can be calculated using equation (3):
(3)
Where
IOUT = Output current through the LED(s) with a PWM control voltage
VFB = Internal feedback reference voltage (see Table 1.3, parameter 1.3.7)
VPWM = External PWM control voltage
DPWM = Duty cycle of the PWM control signal
2.2.4
Microcontroller LED Control
A microcontroller can control the LED output current by providing a PWM control signal to the FB pin as described
in section 2.2.3.
Depending on the application, the microcontroller can also be used to control the shutdown circuitry via the EN
pin (see section 2.1) providing a fast and smooth transition to shutdown.
2.2.5
Constant Voltage Application
In addition to functioning as a constant-current boost converter for driving an LED string, the ZLED7015 can be
configured as a constant-voltage boost converter for other applications. Figure 2.4 demonstrates a typical circuit
for this application.
The output voltage controlled by the values of R3 and RS can be calculated using equation (4):
(4)
Where
VOUT = Output voltage to the load
VFB = Internal feedback reference voltage (Table 1.3, parameter 1.3.7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com