Electronic Components Datasheet Search
  English  ▼

X  

ADRF5020 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5020
Description  Microwave radios and very small aperture terminals
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5020 Datasheet(HTML) 5 Page - Analog Devices

  ADRF5020 Datasheet HTML 1Page - Analog Devices ADRF5020 Datasheet HTML 2Page - Analog Devices ADRF5020 Datasheet HTML 3Page - Analog Devices ADRF5020 Datasheet HTML 4Page - Analog Devices ADRF5020 Datasheet HTML 5Page - Analog Devices ADRF5020 Datasheet HTML 6Page - Analog Devices ADRF5020 Datasheet HTML 7Page - Analog Devices ADRF5020 Datasheet HTML 8Page - Analog Devices ADRF5020 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
ADRF5020
Rev. A | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
For recommended operating conditions, see Table 1.
Table 2.
Parameter
Rating
Supply Voltage
Positive
−0.3 V to +5.5 V
Negative
−2.75 V to +0.3 V
Digital Control Input Voltage
−0.3 V to VDD + 0.3 V
RF Input Power1 (f = 600 MHz to 30 GHz,
TCASE) = 85°C)
Through Path
27 dBm
Terminated Path
25 dBm
Hot Switching
21 dBm
Temperature
Junction (TJ)
135°C
Storage
−65°C to +150°C
Reflow (MSL3 Rating)2
260°C
Junction to Case Thermal Resistance (θJC)
Through Path
420°C/W
Terminated Path
160°C/W
ESD Sensitivity
HBM
1 kV (Class 1)
1
For power derating at frequencies less than 600 MHz, see Figure 2 to Figure 4.
2
See the Ordering Guide section.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
Only one absolute maximum rating can be applied at any one
time.
POWER DERATING CURVES
4
–14
–12
–10
–8
–6
–4
–2
0
2
FREQUENCY (Hz)
10k
1M
100M
10G
100k
10M
1G
Figure 2. Power Derating for Through Path vs. Frequency, TCASE = 85°C
4
–14
–12
–10
–8
–6
–4
–2
0
2
FREQUENCY (Hz)
10k
1M
100M
10G
100k
10M
1G
Figure 3. Power Derating for Terminated Path vs. Frequency, TCASE = 85°C
4
–14
–12
–10
–8
–6
–4
–2
0
2
FREQUENCY (Hz)
10k
1M
100M
10G
100k
10M
1G
Figure 4. Power Derating for Hot Switching vs. Frequency, TCASE = 85°C
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com