Electronic Components Datasheet Search
  English  ▼

X  

ADRF5020 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF5020
Description  Microwave radios and very small aperture terminals
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5020 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF5020 Datasheet HTML 4Page - Analog Devices ADRF5020 Datasheet HTML 5Page - Analog Devices ADRF5020 Datasheet HTML 6Page - Analog Devices ADRF5020 Datasheet HTML 7Page - Analog Devices ADRF5020 Datasheet HTML 8Page - Analog Devices ADRF5020 Datasheet HTML 9Page - Analog Devices ADRF5020 Datasheet HTML 10Page - Analog Devices ADRF5020 Datasheet HTML 11Page - Analog Devices ADRF5020 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADRF5020
Data Sheet
Rev. A | Page 8 of 12
INPUT POWER COMPRESSION AND THIRD-ORDER INTERCEPT (IP3)
All large signal performance parameters were measured on the evaluation board.
32
10
12
14
16
18
20
22
24
26
30
28
FREQUENCY (GHz)
0
30
25
20
15
10
5
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
Figure 12. Input 0.1 dB Power Compression (P0.1dB) vs.
Frequency over Temperature
32
10
12
14
16
18
20
22
24
26
30
28
FREQUENCY (GHz)
0
30
25
20
15
10
5
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
Figure 13. Input 1 dB Power Compression (P1dB) vs. Frequency over
Temperature
60
20
25
30
35
40
45
50
55
FREQUENCY (GHz)
0
30
25
20
15
10
5
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
Figure 14. Input IP3 vs. Frequency over Temperature
32
10
12
14
16
18
20
22
24
26
28
30
FREQUENCY (Hz)
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
10k
1M
100M
100k
10M
1G
Figure 15. Input 0.1 dB Power Compression (P0.1dB) vs. Frequency over
Temperature (Low Frequency Detail)
32
10
12
14
16
18
20
22
24
26
28
30
FREQUENCY (Hz)
10k
1M
100M
100k
10M
1G
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
Figure 16. Input 1 dB Power Compression (P1dB) vs. Frequency over
Temperature (Low Frequency Detail)
60
20
25
30
35
40
45
50
55
FREQUENCY (Hz)
10k
1M
100M
100k
10M
1G
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
Figure 17. Input IP3 vs. Frequency over Temperature
(Low Frequency Detail)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com