Electronic Components Datasheet Search
  English  ▼

X  

DTC123JS3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # DTC123JS3
Description  NPN Digital Transistors (Built-in Resistors)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTC123JS3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  DTC123JS3 Datasheet HTML 1Page - Cystech Electonics Corp. DTC123JS3 Datasheet HTML 2Page - Cystech Electonics Corp. DTC123JS3 Datasheet HTML 3Page - Cystech Electonics Corp. DTC123JS3 Datasheet HTML 4Page - Cystech Electonics Corp. DTC123JS3 Datasheet HTML 5Page - Cystech Electonics Corp. DTC123JS3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C360S3
Issued Date : 2016.03.23
Revised Date :
Page No. : 3/6
DTC123JS3
CYStek Product Specification
Typical Characteristics
DC Current Gain vs Output Current
1
10
100
1000
0.1
1
10
100
Output Current ---Io(mA)
Vo=5V
Output Voltage vs Output Current
10
100
1000
0.1
1
10
100
Output Current ---Io(mA)
Io/Ii=20
Input Voltage vs Output Current (ON Characteristics)
0.1
1
10
0.1
1
10
100
Output Current --- Io(mA)
Vo=0.3V
Output Current vs Input Voltage (OFF Characteristics)
0.01
0.1
1
10
0
0.5
1
1.5
Input Voltage --- Vi(off)(V)
Vcc=5V
Power Derating Curve
0
50
100
150
200
250
0
50
100
150
200
Ambient Temperature --- Ta(℃ )



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com