Electronic Components Datasheet Search
  English  ▼

X  

DTC123JS3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # DTC123JS3
Description  NPN Digital Transistors (Built-in Resistors)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTC123JS3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  DTC123JS3 Datasheet HTML 1Page - Cystech Electonics Corp. DTC123JS3 Datasheet HTML 2Page - Cystech Electonics Corp. DTC123JS3 Datasheet HTML 3Page - Cystech Electonics Corp. DTC123JS3 Datasheet HTML 4Page - Cystech Electonics Corp. DTC123JS3 Datasheet HTML 5Page - Cystech Electonics Corp. DTC123JS3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C360S3
Issued Date : 2016.03.23
Revised Date :
Page No. : 2/6
DTC123JS3
CYStek Product Specification
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Limits
Unit
Supply Voltage
VCC
50
V
Input Voltage
VIN
-5~+12
V
IO
100
mA
Output Current
IO(max.)
100
mA
Power Dissipation
PD
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
VI(off)
-
-
0.5
V
VCC=5V, IO=100μA
Input Voltage
VI(on)
1.1
-
-
V
VO=0.3V, IO=5mA
Output Voltage
VO(on)
-
0.1
0.3
V
IO/II=5mA/0.25mA
Input Current
II
-
-
3.6
mA
VI=5V
Output Current
IO(off)
-
-
0.5
μA
VCC=50V, VI=0V
DC Current Gain
GI
80
-
-
-
VO=5V, IO=10mA
Input Resistance
R1
1.54
2.2
2.86
k
Ω
-
Resistance Ratio
R2/R1
17
21
26
-
-
Transition Frequency
fT
-
250
-
MHz
VCE=10V, IC=5mA, f=100MHz*
* Transition frequency of the device
Recommended Soldering Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com