Electronic Components Datasheet Search
  English  ▼

X  

AD5672R Datasheet(PDF) 10 Page - Analog Devices

Part # AD5672R
Description  Easy implementation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5672R Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5672R Datasheet HTML 6Page - Analog Devices AD5672R Datasheet HTML 7Page - Analog Devices AD5672R Datasheet HTML 8Page - Analog Devices AD5672R Datasheet HTML 9Page - Analog Devices AD5672R Datasheet HTML 10Page - Analog Devices AD5672R Datasheet HTML 11Page - Analog Devices AD5672R Datasheet HTML 12Page - Analog Devices AD5672R Datasheet HTML 13Page - Analog Devices AD5672R Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Data Sheet
AD5676
Rev. B | Page 9 of 27
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VOUT0
VDD
VLOGIC
SDI
SCLK
SYNC
VOUT1
VOUT3
VREF
RESET
RSTSEL
LDAC
SDO
VOUT6
VOUT7
GAIN
VOUT5
VOUT4
GND
VOUT2
TOP VIEW
(Not to Scale)
AD5676
Figure 5. 20-Lead TSSOP Pin Configuration
Table 7. 20-Lead TSSOP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUT1
Analog Output Voltage from DAC 1. The output amplifier has rail-to-rail operation.
2
VOUT0
Analog Output Voltage from DAC 0. The output amplifier has rail-to-rail operation.
3
VDD
Power Supply Input. The AD5676 operates from 2.7 V to 5.5 V. Decouple VDD with a 10 µF capacitor in parallel with
a 0.1 µF capacitor to GND.
4
VLOGIC
Digital Power Supply. Voltage ranges from 1.8 V to 5.5 V.
5
SYNC
Active Low Control Input. This is the frame synchronization signal for the input data. When SYNC goes low, data
transfers in on the falling edges of the next 24 clocks.
6
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock input. Data
transfers at rates of up to 50 MHz.
7
SDI
Serial Data Input. The AD5676 has a 24-bit input shift register. Data is clocked into the register on the falling edge
of the serial clock input.
8
GAIN
Span Set. When this pin is tied to GND, all eight DAC outputs have a span from 0 V to VREF. If this pin is tied to VLOGIC,
all eight DACs output a span of 0 V to 2 × VREF.
9
VOUT7
Analog Output Voltage from DAC 7. The output amplifier has rail-to-rail operation.
10
VOUT6
Analog Output Voltage from DAC 6. The output amplifier has rail-to-rail operation.
11
VOUT5
Analog Output Voltage from DAC 5. The output amplifier has rail-to-rail operation.
12
VOUT4
Analog Output Voltage from DAC 4. The output amplifier has rail-to-rail operation.
13
GND
Ground Reference Point for All Circuitry on the Device.
14
RSTSEL
Power-On Reset. Tie this pin to GND to power up all eight DACs to zero scale. Tie this pin to VLOGIC to power up all
eight DACs to midscale.
15
LDAC
Load DAC. LDAC operates in two modes, asynchronously and synchronously. Pulsing this pin low allows any or all
DAC registers to be updated if the input registers have new data. This allows all DAC outputs to update
simultaneously. This pin can also be tied permanently low.
16
SDO
Serial Data Output. Use this pin to daisy-chain a number of devices together, or use it for readback. The serial data
transfers on the rising edge of SCLK and is valid on the falling edge.
17
RESET
Asynchronous Reset Input. The RESET input is falling edge sensitive. When RESET is low, all LDAC pulses are
ignored. When RESET is activated, the input register and the DAC register are updated with zero scale or midscale,
depending on the state of the RSTSEL pin.
18
VREF
Reference Input Voltage.
19
VOUT3
Analog Output Voltage from DAC 3. The output amplifier has rail-to-rail operation.
20
VOUT2
Analog Output Voltage from DAC 2. The output amplifier has rail-to-rail operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com