Electronic Components Datasheet Search
  English  ▼

X  

AD5672R Datasheet(PDF) 23 Page - Analog Devices

Part # AD5672R
Description  Easy implementation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5672R Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5672R Datasheet HTML 19Page - Analog Devices AD5672R Datasheet HTML 20Page - Analog Devices AD5672R Datasheet HTML 21Page - Analog Devices AD5672R Datasheet HTML 22Page - Analog Devices AD5672R Datasheet HTML 23Page - Analog Devices AD5672R Datasheet HTML 24Page - Analog Devices AD5672R Datasheet HTML 25Page - Analog Devices AD5672R Datasheet HTML 26Page - Analog Devices AD5672R Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD5676
Data Sheet
Rev. B | Page 22 of 27
READBACK OPERATION
Readback mode is invoked through a software executable
readback command. If the SDO output is disabled via the daisy-
chain mode disable bit in the control register, it is enabled
automatically for the duration of the read operation, after which
it is disabled again. Command 1001 is reserved for the readback
function. This command, in association with the address bits,
A3 to A0, selects the DAC input register to read. Note that,
during readback, only one DAC register can be selected. The
remaining data bits in the write sequence are don’t care bits.
During the next SPI write, the data appearing on the SDO output
contains the data from the previously addressed register.
For example, to read back the DAC register for Channel 0,
implement the following sequence:
1. Write 0x900000 to the AD5676 input register. This
configures the device for read mode with the DAC register
of Channel 0 selected. Note that all data bits, DB15 to DB0,
are don’t care bits.
2. Follow this with a second write, a no operation (NOP)
condition, 0x000000. During this write, the data from the
register is clocked out on the SDO line. DB23 to DB20
contain undefined data, and the last 16 bits contain the
DB19 to DB4 DAC register contents.
When SYNC is high the SDO pin is driven by a weak latch
which holds the last data bit. The SDO pin can be overdriven by
the SDO pin of another device, thus allowing multiple devices
to be read using the same SPI interface.
POWER-DOWN OPERATION
The AD5676 provides two separate power-down modes.
Command 0100 is designated for the power-down function (see
Table 9). These power-down modes are software programmable
by setting 16 bits, Bit DB15 to Bit DB0, in the input shift register.
There are two bits associated with each DAC channel. Table 12
shows how the state of the two bits corresponds to the mode of
operation of the device.
Table 12. Modes of Operation
Operating Mode
PD1
PD0
Normal Operation
0
0
Power-Down Modes
1 kΩ to GND
0
1
Three-State
1
1
Any or all DACs (DAC 0 to DAC 7) power down to the selected
mode by setting the corresponding bits. See Table 13 for the
contents of the input shift register during the power-down/
power-up operation.
When both Bit PD1 and Bit PD0 in the input shift register are set to
0, the device works normally with its normal power consumption
of 1.1 mA typically. However, for the two power-down modes,
the supply current falls to 1 µA typically. Not only does the
supply current fall, but the output stage is also internally switched
from the output of the amplifier to a resistor network of known
values. This has the advantage that the output impedance of the
devices are known while the devices are in power-down mode.
There are two different power-down options. The output is
connected internally to GND through either a 1 kΩ resistor, or
it is left open-circuited (three-state). The output stage is shown in
Figure 45.
RESISTOR
NETWORK
VOUTx
DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER
Figure 45. Output Stage During Power-Down
The bias generator, output amplifier, resistor string, and other
associated linear circuitry shut down when power-down mode is
activated. However, the contents of the DAC register are
unaffected when in power-down. The DAC register updates
while the device is in power-down mode. The time required to
exit power-down is typically 5 µs for VDD = 5 V.
Table 13. 24-Bit Input Shift Register Contents of Power-Down/Power-Up Operation1
[DB23:DB20]
DB19
[DB18:DB16]
DAC 7
DAC 6
DAC 5
DAC 4
DAC 3
DAC 2
DAC 1
DAC 0
[DB15: B14]
[DB13: B12]
[DB11: B10]
[DB9:DB8]
[DB7:DB6]
[DB5:DB4]
[DB3:DB2]
[DB1:DB0]
0100
0
XXX
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
1
X means don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com