Electronic Components Datasheet Search
  English  ▼

X  

ADA4870ARR-EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4870ARR-EBZ
Description  Ideal for driving high capacitive or low resistive loads
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4870ARR-EBZ Datasheet(HTML) 4 Page - Analog Devices

  ADA4870ARR-EBZ Datasheet HTML 1Page - Analog Devices ADA4870ARR-EBZ Datasheet HTML 2Page - Analog Devices ADA4870ARR-EBZ Datasheet HTML 3Page - Analog Devices ADA4870ARR-EBZ Datasheet HTML 4Page - Analog Devices ADA4870ARR-EBZ Datasheet HTML 5Page - Analog Devices ADA4870ARR-EBZ Datasheet HTML 6Page - Analog Devices ADA4870ARR-EBZ Datasheet HTML 7Page - Analog Devices ADA4870ARR-EBZ Datasheet HTML 8Page - Analog Devices ADA4870ARR-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Data Sheet
ADA4870
Rev. 0 | Page 3 of 24
SPECIFICATIONS
±20 V SUPPLY
TCASE = 25°C, AV = −5, RF = 1.21 kΩ, RG = 243 Ω, CL = 300 pF, RS = 5 Ω, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
VOUT = 2 V p-p
60
MHz
VOUT = 2 V p-p, AV = +2
70
MHz
VOUT = 20 V p-p
52
MHz
Slew Rate (Peak)
VOUT = 30 V step, AV = +2
2500
V/µs
Settling Time to 0.1%
VOUT = 10 V step
82
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion, HD2/HD3
f = 30 MHz, VOUT = 20 V p-p, AV = −10
−40/−39
dBc
f = 1 MHz, VOUT = 20 V p-p, AV = −10
−91/−74
dBc
f = 0.1 MHz, VOUT = 20 V p-p, AV = −10
−95/−96
dBc
f = 1 MHz, VOUT = 20 V p-p, RL = 25 Ω, AV = −10
−70/−77
dBc
f = 0.1 MHz, VOUT = 20 V p-p, RL = 25 Ω, AV = −10
−79/−99
dBc
Input Voltage Noise Density
f = 100 kHz
2.1
nV/√Hz
Input Current Noise Density
f = 100 kHz
INP
4.2
pA/√Hz
INN
47
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
−15
−1
+10
mV
Input Offset Voltage Drift
4
µV/°C
Input Bias Current
Noninverting Input
9
23
µA
Inverting Input
−12
−25
µA
Input Bias Current Drift, Inverting Input
24
nA/°C
Open-Loop Transresistance
2.5
MΩ
INPUT CHARACTERISTICS
Input Resistance
INP
2
MΩ
Input Capacitance
INP
0.75
pF
Input Common-Mode Voltage Range (VICM)
±18
V
Common-Mode Rejection Ratio
VICM = ±2 V, ±18 V
58
60
dB
SD PIN (SHUTDOWN)
Input Voltages
High (enabled)
VEE + 1.1
VEE + 5
V
Low (power-down)
VEE
VEE + 0.9
V
Input Bias Current
Enabled (SD = VEE + 5 V)
110
µA
Power down SD = VEE)
−50
µA
ON PIN (RESET AND SHORT-CIRCUIT
PROTECTION)
Input Voltages
High (power-down)
VEE + 1.8
VEE + 5
V
Low (enabled)
VEE
VEE + 1.3
V
Input Bias Current
Enabled (ON = VEE)
−75
µA
Power down (ON = VEE + 5 V)
100
µA
OUTPUT CHARACTERISTICS
Output Voltage Range
RG = 1.2 kΩ, RL = open
±18.6
V
RG = 1.2 kΩ, RL = 50 Ω
±18
V
Output Current Drive
1
A
Short-Circuit Protection Current Limit
ON = floating
1.2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com