Electronic Components Datasheet Search
  English  ▼

X  

ADA4870ARR-EBZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4870ARR-EBZ
Description  Ideal for driving high capacitive or low resistive loads
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4870ARR-EBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4870ARR-EBZ Datasheet HTML 17Page - Analog Devices ADA4870ARR-EBZ Datasheet HTML 18Page - Analog Devices ADA4870ARR-EBZ Datasheet HTML 19Page - Analog Devices ADA4870ARR-EBZ Datasheet HTML 20Page - Analog Devices ADA4870ARR-EBZ Datasheet HTML 21Page - Analog Devices ADA4870ARR-EBZ Datasheet HTML 22Page - Analog Devices ADA4870ARR-EBZ Datasheet HTML 23Page - Analog Devices ADA4870ARR-EBZ Datasheet HTML 24Page - Analog Devices ADA4870ARR-EBZ Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
ADA4870
Data Sheet
Rev. 0 | Page 22 of 24
PRINTED CIRCUIT BOARD (PCB)
All current feedback amplifiers, including the ADA4870, can be
affected by stray capacitance. Paying careful attention during
PCB layout can reduce parasitic capacitance and improve
overall circuit performance. Minimize signal trace lengths by
placing feedback and gain setting resistors as close as possible to
the amplifier.
Additionally, for high output current amplifiers like the
ADA4870, lay out the PCB with heat dissipation in mind. A
good thermal design includes an exposed copper landing area
on the top side of the board on which to solder the thermal slug
of the PSOP3 package. The PCB should also provide an exposed
copper area on the bottom side to accommodate a heat sink.
Stitch the top and bottom layers together with an array of
plated-through thermal vias to facilitate efficient heat transfer
through the board. Thermal conductivity may be further
improved by using widely available via fill materials.
THERMAL MODELING
Computational fluid dynamics (CFD) tools like FloTherm® can
be used to create layers of materials that include PCB construction,
thermal vias, thermal interface materials, and heat sinks, and
can predict junction temperature and/or junction to ambient
thermal resistance (θJA) for a given set of conditions. Table 7
shows an example of how θJA is affected by the addition of an
aluminum heat sink and forced convection. Figure 76 shows an
image of the model used to establish the thermal results in Table 7.
Figure 76. Thermal Model Stack-Up for Data in Table 7
(Heat Sink Not Shown)
HEAT SINK SELECTION
A heat sink increases the surface area to ambient temperature
(TA) and extends the power dissipation capability of the
ADA4870 and PCB combination. To maximize heat transfer
from the board to the heat sink, attach the heat sink to the PCB
using a high conductivity thermal interface material (TIM). The
heat sinks presented in the Safe Operating Area section and
Figure 74 are effective up to ~10 W in still air. If lower power
dissipation is anticipated and/or forced air convection is used, a
smaller heat sink may be appropriate. If the thermal resistance
of the chip (θJC), PCB (θCB), and TIM (θTIM) are known, use
Equation 3 to compute the thermal resistance (θHS) of the
required heat sink.
(
)
TIM
CB
JC
DISS
A
J
HS
P
T
T
θ
θ
θ
θ
+
+
=
–
–
(3)
POWER SUPPLIES AND DECOUPLING
The ADA4870 can operate from a single supply or dual supplies.
The total supply voltage (VCC − VEE) must be between 10 V and
40 V. Decouple each supply pin to ground using high quality,
low ESR, 0.1 μF capacitors. Place decoupling capacitors as close
to the supply pins as possible. Additionally, place 22 μF tantalum
capacitors from each supply to ground to provide good low
frequency decoupling and supply the needed current to support
large, fast slewing signals at the ADA4870 output.
Table 7. Effects of Heat Sink and Forced Convection on θJA
Heat Sink Dimensions, L × W × Total Height (mm)
Heat Sink Base Thickness (mm)
No. of Fins
Air Flow (m/sec)
θJA (°C/W)
61 × 58, Exposed Copper on Board, No Heat Sink
Not applicable
Not applicable
0
15.95
61 × 58, Exposed Copper on Board, No Heat Sink
Not applicable
Not applicable
1
12.27
61 × 58, Exposed Copper on Board, No Heat Sink
Not applicable
Not applicable
2
10.95
30 × 30 × 24
3
10
0
11.36
30 × 30 × 24
3
10
1
4.90
30 × 30 × 24
3
10
2
3.86
61 × 58 × 24
3
10
0
5.74
61 × 58 × 24
3
10
1
3.59
61 × 58 × 24
3
10
2
3.18
TBOARD
TCASE
TPLASTIC
ADA4870
CU SLUG
TLEADS
TJUNCTION
DIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com