Electronic Components Datasheet Search
  English  ▼

X  

ADP5090 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5090
Description  Ultralow Power Boost Regulator with
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5090 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5090 Datasheet HTML 2Page - Analog Devices ADP5090 Datasheet HTML 3Page - Analog Devices ADP5090 Datasheet HTML 4Page - Analog Devices ADP5090 Datasheet HTML 5Page - Analog Devices ADP5090 Datasheet HTML 6Page - Analog Devices ADP5090 Datasheet HTML 7Page - Analog Devices ADP5090 Datasheet HTML 8Page - Analog Devices ADP5090 Datasheet HTML 9Page - Analog Devices ADP5090 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Data Sheet
ADP5090
Rev. C | Page 5 of 21
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SETSD
Shutdown Setting. This pin sets the shutdown discharging voltage based on the BAT node voltage level.
2
TERM
Termination Charging Voltage. This pin sets the terminal charging voltage based on the BAT node voltage level.
3
AGND
Analog Ground. Connect the exposed pad to the analog ground on the board.
4
MINOP
Minimum Operating Power. Place a resistor on this pin to set the minimum operation input voltage level. The
boost regulator starts switching after the CBP voltage exceeds the MINOP voltage. Connect this pin to AGND to
disable MINOP function.
5
MPPT
Maximum Power Point Tracking. This pin sets the maximum power point tracking level for different energy
harvesters. To disable MPPT, float this pin.
6
CBP
Capacitor Bypass. Samples and holds the maximum power point level. Connect a 10 nF capacitor from this pin
to AGND. When MPPT is disabled, tie CBP to an external reference that is lower than VIN.
7
VIN
Input Supply from Energy Harvester Source. Connect at least a 4.7 μF capacitor as close as possible between
this pin and PGND.
8
PGND
Power Ground.
9
SW
Switching Node for the Inductive Boost Regulator with a Connection to the External Inductor. Connect a 22 μH
inductor between this pin and VIN.
10
BAT
Places Rechargeable Battery or Super Capacitor as a Storage for SYS Output Supply.
11
SYS
Output Supply to System Load. Connect at least a 4.7 μF capacitor as close as possible between this pin and PGND.
12
BACK_UP
Optional Input Supply from the Backup Primary Battery Cell.
13
PGOOD
Output Supply. Maintain a logic high signal when SYS voltage is higher than the SETPG threshold.
14
DIS_SW
Control Signal from the MCU or RF Transceiver. Stop the main boost switching by pulling this pin high. Enable
the main boost switching by pulling this pin low.
15
REF
Provides Bias Voltage for the SETSD, TERM, and SETPG Pins. Connect the high side of the resistor divider
networks to this bias voltage.
16
SETPG
Sets Power Good Voltage Based on the SYS Node Voltage Level.
EPAD
Exposed Pad. The exposed pad must be connected to AGND.
12
11
10
1
3
4
9
2
SETSD
TERM
AGND
MINOP
BACK_UP
SYS
BAT
SW
ADP5090
TOP VIEW
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com