Electronic Components Datasheet Search
  English  ▼

X  

ADP5090 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP5090
Description  Ultralow Power Boost Regulator with
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5090 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP5090 Datasheet HTML 3Page - Analog Devices ADP5090 Datasheet HTML 4Page - Analog Devices ADP5090 Datasheet HTML 5Page - Analog Devices ADP5090 Datasheet HTML 6Page - Analog Devices ADP5090 Datasheet HTML 7Page - Analog Devices ADP5090 Datasheet HTML 8Page - Analog Devices ADP5090 Datasheet HTML 9Page - Analog Devices ADP5090 Datasheet HTML 10Page - Analog Devices ADP5090 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ADP5090
Data Sheet
Rev. C | Page 6 of 21
TYPICAL PERFORMANCE CHARACTERISTICS
IVIN = 5 mA, VBAT_TERM = 3.5 V, VSYS_PG = 3.0 V, VBAT_SD = 2.4 V, MPPT ratio (OCV) = 80%, L = 22 μH, CIN = CSYS = 4.7 μF, CCBP= 10 nF.
Figure 3. Efficiency vs. Input Voltage, IIN = 10 μA
Figure 4. Efficiency vs. Input Voltage, IIN = 10 mA
Figure 5. Efficiency vs. Input Current, VIN = 0.5 V
Figure 6. Efficiency vs. Input Voltage, IIN = 100 μA
Figure 7. Efficiency vs. Input Current, VIN = 0.2 V
Figure 8. Efficiency vs. Input Current, VIN = 1 V
0
10
20
30
40
50
60
70
80
90
100
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
INPUT VOLTAGE (V)
SYS = 2V
SYS = 3V
SYS = 5V
20
30
40
50
60
70
80
90
100
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
INPUT VOLTAGE (V)
SYS = 2V
SYS = 3V
SYS = 5V
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
INPUT CURRENT (mA)
SYS = 2V
SYS = 3V
SYS = 5V
0
10
20
30
40
50
60
70
80
90
100
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
INPUT VOLTAGE (V)
SYS = 2V
SYS = 3V
SYS = 5V
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
SYS = 2V
SYS = 3V
SYS = 5V
INPUT CURRENT (mA)
40
45
55
65
50
60
70
75
80
85
90
0.01
0.1
1
10
100
INPUT CURRENT (mA)
SYS = 2V
SYS = 3V
SYS = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com